Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IL30 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about IL30 Datasheet

  • # Example questions: ➢ What are the different package options available for the ild55, ilq30, ilq31, and ilq55 optocouplers, as detailed in the document?
    ➢ What is the significance of 'pin one i.d.' as indicated in the package diagrams for the dip and smd packages?
    ➢ What are the typical lead dimensions for the smd-6, option 7 package?

  • Part No.IL30
    ManufacturerVISHAY
    Size232 Kbytes
    Pages10 pages
    DescriptionOptocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
    Datasheet Summary with AI

    # IL30, ILD55, ILQ30, ILQ31, ILQ55 Optocouplers

    ## Features
    · Load current rating: 125 mA
    · Rise time: 10 μs
    · Fall time: 35 μs
    · Available in single, dual, and quad channel configurations
    · Solid state reliability
    · Standard DIP packages & SMD options

    ## Description
    Optically coupled isolators using gallium arsenide infrared emitters and silicon photodarlington sensors. Provide isolation between circuits & replace reed/mercury relays. ILD55 is for high-density applications.

    ## Ordering Information
    · Part Number: ILx##-X00#T (x = D (Dual) or Q (Quad))
    · Package Options: DIP-6, DIP-8, DIP-16, SMD-8, SMD-16
    · Tape and Reel: Indicated by 'T' suffix.

    ## Agency Approvals
    · UL1577, cUL, DIN EN 60747-5-2 (VDE), BSI IEC 60950, FIMKO


    ## Absolute Maximum Ratings
    · Peak Reverse Voltage: 3V
    · Forward Current: 60 mA
    · Collector Emitter Voltage: 30-55V (depending on model)
    · Collector Current: 125 mA
    · Total Package Power Dissipation: 250-500mW (depending on model)
    · Isolation Voltage: 5300 V RMS

    ## Electrical Characteristics
    · Forward Voltage: 1.25 - 1.5V (IF = 20mA)
    · Collector Emitter Saturation Voltage: 0.9 - 1V (IC = 50mA, IF = 50mA)
    · Current Transfer Ratio (CTR): 100-400% (IF = 10mA, VCE = 5V)
    · Rise Time: 10 μs
    · Fall Time: 35 μs

    ## Package Dimensions
    · Available in DIP-6, DIP-8, DIP-16, SMD-6, SMD-8, and SMD-16 packages. Detailed dimensions are provided in the datasheet.

    # IL30, ILD55, ILQ30, ILQ31, ILQ55 Optocouplers

    ## Features
    · Load current rating: 125 mA
    · Rise time: 10 μs
    · Fall time: 35 μs
    · Available in single, dual, and quad channel configurations
    · Solid state reliability
    · Standard DIP packages & SMD options

    ## Description
    Optically coupled isolators using gallium arsenide infrared emitters and silicon photodarlington sensors. Provide isolation between circuits & replace reed/mercury relays. ILD55 is for high-density applications.

    ## Ordering Information
    · Part Number: ILx##-X00#T (x = D (Dual) or Q (Quad))
    · Package Options: DIP-6, DIP-8, DIP-16, SMD-8, SMD-16
    · Tape and Reel: Indicated by 'T' suffix.

    ## Agency Approvals
    · UL1577, cUL, DIN EN 60747-5-2 (VDE), BSI IEC 60950, FIMKO

    ## Absolute Maximum Ratings
    · Peak Reverse Voltage: 3V
    · Forward Current: 60 mA
    · Collector Emitter Voltage: 30-55V (depending on model)
    · Collector Current: 125 mA
    · Total Package Power Dissipation: 250-500mW (depending on model)
    · Isolation Voltage: 5300 V RMS

    ## Electrical Characteristics
    · Forward Voltage: 1.25 - 1.5V (IF = 20mA)
    · Collector Emitter Saturation Voltage: 0.9 - 1V (IC = 50mA, IF = 50mA)
    · Current Transfer Ratio (CTR): 100-400% (IF = 10mA, VCE = 5V)
    · Rise Time: 10 μs
    · Fall Time: 35 μs

    ## Package Dimensions
    · Available in DIP-6, DIP-8, DIP-16, SMD-6, SMD-8, and SMD-16 packages. Detailed dimensions are provided in the datasheet.

    Part No.IL30
    ManufacturerVISHAY
    Size232 Kbytes
    Pages10 pages
    DescriptionOptocoupler, Photodarlington Output, (Single, Dual, Quad Channel)