Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATMV24V200V40MA1 Arkusz danych (PDF) - Analog Technologies, Inc.

ATMV24V200V40MA1 Datasheet PDF - Analog Technologies, Inc.
Numer części ATMV24V200V40MA1
Pobierz  ATMV24V200V40MA1 Pobierz
Rozmiar pliku   737.96 Kbytes
Page   7 Pages
Producent  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Strona internetowa  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Szczegółowy opis 8W Isolated DC-DC Power Module

ATMV24V200V40MA1 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ATMV24V200V40MA1 Datasheet PDF - Analog Technologies, Inc.

Numer części ATMV24V200V40MA1
Pobierz  ATMV24V200V40MA1 Click to download

Rozmiar pliku   737.96 Kbytes
Page   7 Pages
Producent  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Strona internetowa  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Szczegółowy opis 8W Isolated DC-DC Power Module

ATMV24V200V40MA1 Arkusz danych (HTML) - Analog Technologies, Inc.


ATMV24V200V40MA1 Szczegóły Produktu

FEATURES
 Wide Input Power Voltage Range: 18V to 36V
 Output Voltage: 200V
 Max. Output Current: 40mA
 High Efficiency: 77%
@VIN = 24V & VOUT =200V & IOUT = 40mA
 Output Ripple Voltage: ±1% @20MHz
 Isolation Voltage: 1500VDC
 Output Short-Circuit Protection: Automatic Recovery
 Full Aluminum Housing for Complete Shielding
 Industry Standard DIP Package
 Operating Temperature Range: −40℃ ~ +85℃
 100 % Lead (Pb)-free and RoHS Compliant

APPLICATIONS
This power module, ATMV24V200V40MA1, is designed
for achieving DC-DC conversion from low voltage to
high voltage as a power supply source. It is widely used
in scientific research and other fields including:
 Sustaining Ion Pumps
 Spectral Analysis
 Electrophoresis
 Particle Accelerator
 Capillary Electrophoresis
 Piezo Devices
 Photo Multiplier Tubes
 Avalanche Photo Diodes

DESCRIPTION
This Power Module is a medium voltage, isolated DC−DC converter with 2:1 input voltage range. With a wide
operating temperature range, built in short-circuit protection, providing this unit with high reliability and long life.




Podobny numer części - ATMV24V200V40MA1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Technologies, In...
ATMV24V200V40MA1 ANALOGTECHNOLOGIES-ATMV24V200V40MA1 Datasheet
793Kb / 7P
8W Isolated DC-DC Power Module
6/28/2022
ATMV24V200V40MA1 ANALOGTECHNOLOGIES-ATMV24V200V40MA1 Datasheet
785Kb / 7P
8W Isolated DC-DC Power Module
6/28/2022
ATMV24V200V40MA1 ANALOGTECHNOLOGIES-ATMV24V200V40MA1 Datasheet
780Kb / 7P
8W Isolated DC-DC Power Module
6/28/2022
ATMV24V200V40MA1 ANALOGTECHNOLOGIES-ATMV24V200V40MA1 Datasheet
812Kb / 7P
8W Isolated DC-DC Power Module
6/28/2022
ATMV24V200V40MA1 ANALOGTECHNOLOGIES-ATMV24V200V40MA1 Datasheet
738Kb / 7P
4W Isolated DC-DC Power Module
6/28/2022
More results


Podobny opis - ATMV24V200V40MA1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astec America, Inc
AIF25R48 ASTEC-AIF25R48_03 Datasheet
742Kb / 29P
Isolated DC/DC Converter Module
APC08 ASTEC-APC08_04 Datasheet
2Mb / 23P
Non-Isolated DC/DC Power Module
logo
Linear Technology
LTM8046 LINER-LTM8046_15 Datasheet
383Kb / 20P
Isolated DC/DC Module Converter
logo
Wall Industries,Inc.
RA2415UW8F WALL-RA2415UW8F Datasheet
332Kb / 11P
8W DC-DC Converter
logo
Analog Technologies, In...
ATMV12V80V100MA1 ANALOGTECHNOLOGIES-ATMV12V80V100MA1 Datasheet
793Kb / 7P
8W Isolated DC-DC Power Module
6/28/2022
ATMV24V100V80MA1 ANALOGTECHNOLOGIES-ATMV24V100V80MA1 Datasheet
785Kb / 7P
8W Isolated DC-DC Power Module
6/28/2022
ATMV24VPN100V40MA2 ANALOGTECHNOLOGIES-ATMV24VPN100V40MA2 Datasheet
812Kb / 7P
8W Isolated DC-DC Power Module
6/28/2022
ATMV24VPN200V10MA2 ANALOGTECHNOLOGIES-ATMV24VPN200V10MA2 Datasheet
738Kb / 7P
4W Isolated DC-DC Power Module
6/28/2022
ATMV24VPN50V80MA2 ANALOGTECHNOLOGIES-ATMV24VPN50V80MA2 Datasheet
780Kb / 7P
8W Isolated DC-DC Power Module
6/28/2022
logo
ABB
MLX040A0XY3-SRZ ABB-MLX040A0XY3-SRZ Datasheet
6Mb / 37P
MLX040A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.3 Date 3/8/2023
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com