Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATMV24V200V40MA1 Arkusz danych(PDF) 5 Page - Analog Technologies, Inc.

Numer części ATMV24V200V40MA1
Szczegółowy opis  8W Isolated DC-DC Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Strona internetowa  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATMV24V200V40MA1 Arkusz danych(HTML) 5 Page - Analog Technologies, Inc.

  ATMV24V200V40MA1 Datasheet HTML 1Page - Analog Technologies, Inc. ATMV24V200V40MA1 Datasheet HTML 2Page - Analog Technologies, Inc. ATMV24V200V40MA1 Datasheet HTML 3Page - Analog Technologies, Inc. ATMV24V200V40MA1 Datasheet HTML 4Page - Analog Technologies, Inc. ATMV24V200V40MA1 Datasheet HTML 5Page - Analog Technologies, Inc. ATMV24V200V40MA1 Datasheet HTML 6Page - Analog Technologies, Inc. ATMV24V200V40MA1 Datasheet HTML 7Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax:
9187
-
(408) 770
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 6/28/2022
Email: staff@analogti.com/sales@analogti.com
5
Analog Technologies
ATMV24V200V40MA1
8W Isolated DC-DC Power Module
Table 3. Recommended Values
F1
Input Time-delay Fuse
F2 & F3
Output Time-delay Fuse, or Resettable Fuse (PTC)
MOV
14D390K
Input Voltage: 12VDC
14D560K
Input Voltage: 24VDC
C1 & C2
100μF/25V
Input Voltage: 2VDC
47μF/50V
Input Voltage: 24VDC
C3 & C4
1.0μF ~ 10μF (High Frequency ESR)
L1, L2 & L3
2.2μH ~ 10μH
To further reduce the input and output ripple, the parameters of the LC filter can be appropriately increased, but it
should be noted that the external capacitor at the output end should not be too large, and should be lower than the
maximum capacitive load of the product.
OUTLINE DIMENSIONS
Figure 6. Outline Dimensions



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com