Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATMV24V200V40MA1 Arkusz danych(PDF) 2 Page - Analog Technologies, Inc.

Numer części ATMV24V200V40MA1
Szczegółowy opis  8W Isolated DC-DC Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Strona internetowa  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATMV24V200V40MA1 Arkusz danych(HTML) 2 Page - Analog Technologies, Inc.

  ATMV24V200V40MA1 Datasheet HTML 1Page - Analog Technologies, Inc. ATMV24V200V40MA1 Datasheet HTML 2Page - Analog Technologies, Inc. ATMV24V200V40MA1 Datasheet HTML 3Page - Analog Technologies, Inc. ATMV24V200V40MA1 Datasheet HTML 4Page - Analog Technologies, Inc. ATMV24V200V40MA1 Datasheet HTML 5Page - Analog Technologies, Inc. ATMV24V200V40MA1 Datasheet HTML 6Page - Analog Technologies, Inc. ATMV24V200V40MA1 Datasheet HTML 7Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax:
9187
-
(408) 770
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 6/28/2022
Email: staff@analogti.com/sales@analogti.com
2
Analog Technologies
ATMV24V200V40MA1
8W Isolated DC-DC Power Module
DESCRIPTION
This Power Module is a medium voltage, isolated DC−DC converter with 2:1 input voltage range. With a wide
operating temperature range, built in short-circuit protection, providing this unit with high reliability and long life.
NAMING PRINCIPLE
Naming Principle of ATMV24V200V40MA1
Table 1. Pin Names, Functions and Specifications.
No.
Name
Type
Description
Min.
Typ.
Max.
1
VIN−
Input
Negative Input Voltage
0V
2
VIN+
Input
Positive Input Voltage
18V
24V
36V
3
VOUT+
Output
Positive Output Voltage
200V
4
NP
-
5
VOUT−
Output
Negative Output Voltage
0V
SPECIFICATIONS
Table 2.
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit/Note
Input Voltage
VIN
18
24
36
V
Input Quiescent Current
IIN_QC
IOUT = 0mA
27
mA
Input Current
IIN
IOUT = 40mA
400
mA
Leakage Current
IL
2
mA
Output Voltage
VOUT
VIN = 18V ~ 36V
IOUT = 0 ~ 40mA
200
V
Output Voltage Accuracy
VIN = 18V ~ 36V
±2
%
Output Current Range
IOUTMAX
VIN = 18V ~ 36V
0
40
mA



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com