Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO331ST5 Arkusz danych (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO331ST5 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Numer części DIO331ST5
Pobierz  DIO331ST5 Pobierz
Rozmiar pliku   1245.23 Kbytes
Page   11 Pages
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Szczegółowy opis Output Comparator

DIO331ST5 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
DIO331ST5 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Numer części DIO331ST5
Pobierz  DIO331ST5 Click to download

Rozmiar pliku   1245.23 Kbytes
Page   11 Pages
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Szczegółowy opis Output Comparator

DIO331ST5 Arkusz danych (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO331ST5 Szczegóły Produktu

Features
 Low power consumption:
37 μA (Typ) at V+ = 1.8 V
 Wide supply voltage range: 1.8 V to 5.5 V
 Propagation delay: 84 ns (Typ) at V+ = 1.8 V
 Open drain output sink current drive:
33.5 mA (Typ) at V+ = 5 V
 Rail-to-rail input
 -40°C to 125°C operating temperature range
 Available in the Green SOT23-5, SC70-5,
SOIC-8, MSOP-8 and TSOT23-8 packages
Applications
 RC timers
 Window detectors
 IR receiver
 Multivibrators
 Alarm and monitoring circuits
Descriptions
The DIO331_393 is a low-power comparator with a
typical power supply current of 37 μA. It has the
best-in-class power supply current versus
propagation delay performance. The propagation
delay is as low as 84 ns with 100 mV overdrive at
1.8 V supply.
Designed to operate over a wide range of supply
voltages, from 1.8 V to 5.5 V, with guaranteed
operation at 1.8 V, 2.5 V and 5.0 V, the DIO331_393
is ideal for use in a variety of battery-powered
applications. With rail-to-rail common mode
voltage range, the DIO331_393 is well suited for
single-supply operation.
Featuring an open drain output stage, the
DIO331_393 allows for operation with absolute
minimum power consumption when driving any
capacitive or resistive load.
The DIO331_393 is available in the Green SOT23-5,
SC70-5, SOIC-8, MSOP-8 and TSOT23-8 packages.
The DIO331_393 is ideal for use in handheld
electronics and mobile phone applications. It is
rated over the -40°C to 125°C temperature range.




Podobny numer części - DIO331ST5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DIOO MICROCIRCUITS CO.,...
DIO3011 DIOO-DIO3011 Datasheet
1Mb / 12P
Analog Switch
Dec 2025
DIO3011FD6 DIOO-DIO3011FD6 Datasheet
1Mb / 12P
Analog Switch
Dec 2025
DIO3011QN6 DIOO-DIO3011QN6 Datasheet
1Mb / 12P
Analog Switch
Dec 2025
DIO31308 DIOO-DIO31308 Datasheet
2Mb / 24P
8:1, 1-Channel Multiplexers with Injection Current Control
Version 1.1, Mar 2026
DIO31308CT16 DIOO-DIO31308CT16 Datasheet
2Mb / 24P
8:1, 1-Channel Multiplexers with Injection Current Control
Version 1.1, Mar 2026
More results


Podobny opis - DIO331ST5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX9687 MAXIM-MAX9687 Datasheet
44Kb / 4P
Dual, Ultra-Fast ECL-Output Comparator
Rev 1; 7/93
MAX9690 MAXIM-MAX9690 Datasheet
28Kb / 4P
Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
logo
Intersil Corporation
ISL28915 INTERSIL-ISL28915 Datasheet
328Kb / 10P
Nano Power, Push/Pull Output Comparator
logo
Texas Instruments
TLV3701-EP TI1-TLV3701-EP Datasheet
393Kb / 11P
NANOPOWER PUSH-PULL OUTPUT COMPARATOR
TLV3701-EP TI1-TLV3701-EP_14 Datasheet
388Kb / 12P
NANOPOWER PUSH-PULL OUTPUT COMPARATOR
logo
SG Micro Corp
SGM8702 SGMICRO-SGM8702 Datasheet
349Kb / 14P
Open Drain Output Comparator
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
Push-Pull Output Comparator
logo
Advanced Monolithic Sys...
AMS303 AMS-AMS303 Datasheet
150Kb / 7P
MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
logo
Advanced Monolithic Sys...
AMS303 ADMOS-AMS303 Datasheet
150Kb / 7P
MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com