Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO331ST5 Arkusz danych(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO331ST5
Szczegółowy opis  Output Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO331ST5 Arkusz danych(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO331ST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO331ST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO331ST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO331ST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO331ST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO331ST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO331ST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO331ST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO331ST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DIO331_393
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO331_393• Rev. 1.4
Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability. DIOO does not recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Rating
Unit
VCC
Supply voltage, (V+) – V-
7.5
V
VIN
Input voltage
(V-) - 0.5 to (V+) + 0.5
V
Differential input voltage
±2.5
V
TA
Operating temperature range
-40 to 125
°C
TSTG
Storage temperature range
-55 to 150
°C
TJ
Junction temperature (Maximum)
160
°C
TL
Lead temperature range (Maximum)
260
°C
ESD
HBM, JEDEC: JESD22-A114
±4000
V
CDM, JEDEC: JESD22-C101
±400
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation to ensure optimal
performance to the datasheet specifications.
Symbol
Parameter
Rating
Unit
VCC
Supply voltage
1.8 to 5.5
V
TA
Operating temperature range
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com