Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO331ST5 Arkusz danych(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO331ST5
Szczegółowy opis  Output Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO331ST5 Arkusz danych(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO331ST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO331ST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO331ST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO331ST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO331ST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO331ST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO331ST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO331ST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO331ST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DIO331_393
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO331_393• Rev. 1.4
Electrical Characteristics: V+ = 5.0 V
At TA = 25°C, V+ = 5.0 V, V- = 0 V, VLE = 5.0 V, VCM = V+/2 and VO = V-, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VOS
Input offset voltage
-5
5
mV
IS
Supply current
-40°C ≤ TA ≤ 85°C, VCM = 0.3 V
38
μA
-40°C ≤ TA ≤ 85°C, VCM = 4.7 V
55
VOH
Output swing high
RL = 10 kΩ
5
V
RL = 1 kΩ
5
VOL
Output swing low
IO = -500 µA
20
mV
IO = -1 mA
41
IOUT
Output current
Sink
33.5
mA
Propagation delay
(High to low)
Overdrive = 10 mV
550
ns
Overdrive = 100 mV
120
Propagation delay
(Low to high)
Overdrive = 10 mV
700
ns
Overdrive = 100 mV
170
tRise
Rise time
Overdrive = 10 mV, CL = 1 pF,
RL = 5 kΩ
155
ns
Overdrive = 100 mV,CL = 1 pF,
RL = 5 kΩ
155
tFall
Fall time
Overdrive = 10 mV, CL = 1 pF,
RL = 5 kΩ
16
ns
Overdrive = 100 mV, CL = 1 pF,
RL = 5 kΩ
16
Note:
(1) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com