Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN53541 Arkusz danych (PDF) - Fairchild Semiconductor

FAN53541 Datasheet PDF - Fairchild Semiconductor
Numer części FAN53541
Pobierz  FAN53541 Pobierz
Rozmiar pliku   1544.24 Kbytes
Page   15 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis 2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator

FAN53541 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
FAN53541 Datasheet PDF - Fairchild Semiconductor

Numer części FAN53541
Pobierz  FAN53541 Click to download

Rozmiar pliku   1544.24 Kbytes
Page   15 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis 2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator

FAN53541 Arkusz danych (HTML) - Fairchild Semiconductor


FAN53541 Szczegóły Produktu

Description
The FAN53541 is a step-down switching voltage regulator that delivers an adjustable output from an input voltage supply of 2.7 V to 5.5 V. Using a proprietary architecture with synchronous rectification, the FAN53541 is capable of delivering 5 A at over 90% efficiency, while maintaining a very high efficiency of over 80% at load currents as low as 2 mA. The regulator operates at a nominal fixed frequency of 2.4 MHz, which reduces the value of the external components to 470 nH for the output inductor and 20 µF for the output capacitor. Additional output capacitance can be added to improve regulation during load transients without affecting stability and inductance up to 1.2 µH may be used with additional output capacitance.

Features
■ 2.4 MHz Fixed-Frequency Operation
■ Best-in-Class Load Transient Response
■ 5 A Output Current Capability
■ 2.7 V to 5.5 V Input Voltage Range
■ Adjustable Output Voltage: 0.8 V to 90% of VIN
■ PFM Mode for High Efficiency in Light Load (Forced PWM Available on MODE Pin)
■ 50 µA Typical Quiescent Current in PFM Mode
■ External Frequency Synchronization
■ Low Ripple Light-Load PFM Mode with Forced PWM Control
■ Power Good Output
■ Internal Soft-Start
■ Input Under-Voltage Lockout (UVLO)
■ Thermal Shutdown and Overload Protection
■ No External Compensation Required
■ 20-Bump WLCSP

Applications
■ Set-Top Box
■ Hard Disk Drive
■ Communications Cards
■ DSP Power




Podobny numer części - FAN53541

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
FAN53541UCX ONSEMI-FAN53541UCX Datasheet
1Mb / 17P
2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
More results


Podobny opis - FAN53541

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN5361 FAIRCHILD-FAN5361 Datasheet
1Mb / 17P
6MHz, 600mA TinyBuck??Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
logo
ON Semiconductor
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53526 ONSEMI-FAN53526_17 Datasheet
1Mb / 22P
3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
December, 2017 ??Rev. 4
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
More results




O Fairchild Semiconductor


Fairchild Semiconductor był pionierską firmą półprzewodników, która została założona pod koniec lat 50. XX wieku.
Firma była znana z innowacji w opracowywaniu pierwszego tranzystora komercyjnego i jej wkładu w rozwój technologii zintegrowanego obwodu.
Fairchild stał się wiodącym dostawcą półprzewodników energetycznych, analogowych i mieszanych obwodów zintegrowanych oraz innych produktów półprzewodników.
Firma została przejęta przez Semiconductor w 2016 roku, a jej produkty i technologie są nadal opracowywane i sprzedawane pod marką półprzewodnikową.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com