Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATECC508A Arkusz danych(PDF) 21 Page - Microchip Technology

Numer części ATECC508A
Szczegółowy opis  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Arkusz danych(HTML) 21 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 17Page - Microchip Technology ATECC508A Datasheet HTML 18Page - Microchip Technology ATECC508A Datasheet HTML 19Page - Microchip Technology ATECC508A Datasheet HTML 20Page - Microchip Technology ATECC508A Datasheet HTML 21Page - Microchip Technology ATECC508A Datasheet HTML 22Page - Microchip Technology ATECC508A Datasheet HTML 23Page - Microchip Technology ATECC508A Datasheet HTML 24Page - Microchip Technology ATECC508A Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 109 page
background image
Bit
Name
Description
0 = The public version of this key can never be generated. Use this mode for the
highest security.
1 = The public version of this key can always be generated.
If Private indicates that this slot does not contain an ECC private key, then this bit may be
used to control validity of public keys. If so configured, the Verify command will only use
a stored public key to verify a signature if it has been validated. The Sign and Info
commands are used to report the validity state. The public key validity feature is ignored
by all other commands and applies only to Slots 8 – 15.
0 = The public key in this slot can be used by the Verify command without being
validated.
1 = The public key in this slot can be used by the Verify command only if the public
key in the slot has been validated. When this slot is written for any reason, the most
significant four bits of byte 0 of block 0 will be set to 0xA to invalidate the slot. The
Verify command can be used to write those bits to 0x5 to validate the slot.
0
Private
0 = The key slot does not contain an ECC private key and cannot be used with the
Sign, GenKey, ECDH and PrivWrite commands. It may contain an ECC public
key, a SHA key, or data.
1 = The key slot contains an ECC private key and can be used only with the Sign,
GenKey, ECDH and PrivWrite commands.
More information on select fields is described below.
Private:
This bit indicates that the slot contains an ECC private key and it is used by the device to limit uses
of this slot to the appropriate ECC commands.
If this bit is set, then SlotConfig.ReadKey is used to enable or disable the use of the private key for
various operations. ReadKey<0> enables the use of the key for signatures of externally supplied
data, while ReadKey<1> enables the use of the key to sign only messages that are stored in
TempKey by the GenKey or GenDig commands. This mechanism permits a remote entity to have
the knowledge that a particular key value or slot contents are stored within an ATECC508A device,
and it prevents an attacker from creating an external message that would model an internal state
that does not exist and create a signature of that state.
PubInfo:
For public keys, this field can be used to walk a certificate chain to validate the key. This feature is
implemented using the Verify command and the validation is stored in nonvolatile memory
alongside the key so that subsequent uses of the public key do not require additional validation.
These keys are always invalidated when any part of the slot containing the key is written.
For private keys, this field can be used to increase security or privacy in some situations by
preventing the generation of the public key corresponding to a private key. The presumption is that
the public key has been stored elsewhere at the time the private key was generated or written into
the device. This field is ignored when a random key is generated. The ATECC508A includes a
method of walking either an X.509 certificate chain or a simplified internal format chain. See the
SHA and Verify(ValidateExternal) commands for more details.
ATECC508A
Device Organization
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More