| Zakładka z wyszukiwarką danych komponentów |
|
L9678P Arkusz danych(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P Arkusz danych(HTML) 48 Page - STMicroelectronics |
|
48 / 203 page ![]() 1 1 101 11 1 $EF R/W SAF_CONTROL_1 Safing record control X 1 1 110 00 0 $F0 R/W SAF_CONTROL_2 X 1 1 110 00 1 $F1 R/W SAF_CONTROL_3 X 1 1 110 01 0 $F2 R/W SAF_CONTROL_4 X 1 1 110 01 1 $F3 1 1 110 10 0 $F4 1 1 110 10 1 $F5 1 1 110 11 0 $F6 1 1 110 11 1 $F7 1 1 111 00 0 $F8 1 1 111 00 1 $F9 1 1 111 01 0 $FA 1 1 111 01 1 $FB 1 1 111 10 0 $FC 1 1 111 10 1 $FD 1 1 111 11 0 $FE 1 1 111 11 1 $FF R SAF_CC Safing record compare complete 1. A check mark indicates in which operating state a WRITE-command is valid. Table 6. Global SPI register map (continued) GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Ssafing Scrap Arming |