| Zakładka z wyszukiwarką danych komponentów |
|
L9678P Arkusz danych(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P Arkusz danych(HTML) 42 Page - STMicroelectronics |
|
42 / 203 page ![]() 0 1 011 01 0 $5A 0 1 011 01 1 $5B 0 1 011 10 0 $5C 0 1 011 10 1 $5D 0 1 011 11 0 $5E 0 1 011 11 1 $5F 0 1 100 00 0 $60 0 1 100 00 1 $61 0 1 100 01 0 $62 0 1 100 01 1 $63 0 1 100 10 0 $64 0 1 100 10 1 $65 0 1 1 0 0 1 1 0 $66 R/W SAF_ALGO_CONF Safing Algorithm configuration register X 0 1 100 11 1 $67 0 1 101 00 0 $68 0 1 101 00 1 $69 0 1 101 01 0 $6A R ARM_STATE Status of internal arming signals FENH, FENL, ARMx 0 1 101 01 1 $6B 0 1 101 10 0 $6C 0 1 101 10 1 $6D 0 1 1 0 1 1 1 0 $6E R/W LOOP_MATRIX_ARM1 Assignment of ARM 1 pin to which LOOPS X 0 1 1 0 1 1 1 1 $6F R/W LOOP_MATRIX_ARM2 Assignment of ARM 2 pin to which LOOPS X 0 1 110 00 0 $70 0 1 110 00 1 $71 Table 6. Global SPI register map (continued) GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Ssafing Scrap Arming |