| Zakładka z wyszukiwarką danych komponentów |
|
L9678P Arkusz danych(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P Arkusz danych(HTML) 56 Page - STMicroelectronics |
|
56 / 203 page ![]() SPI interface L9678P, L9678P-S 56/203 DocID029274 Rev 3 5.1.4 SPI Sleep command register (SPI_SLEEP) Address: 03 Type: W Buffer: - Reset: $0006 0 ER_BOOST OFF request 1 ER_BOOST ON request VSUP_EN 0 0 0 Supplemental supply for satellites Updated by SSM_RESET or SPI write 0 VSUP commanded off 1 VSUP SPI_OFF 0 0 0 Go to POWER OFF state from POWERMODE SHUTDOWN state Updated by SSM_RESET or SPI write while in POWERMODE SHUTDOWN state 0 no effect 1 transition to POWER OFF state 19 18 17 16 15 14 13 12 11 10 9876543 210 MOSI - $3C95 MISO 0000 - 0 0 0000000000 000 SLEEP_MODE N/A N/A N/A Non-latched command that allows transition into POWERMODE_SHUTDOWN state according to the Power Control State Flow Diagram |