| Zakładka z wyszukiwarką danych komponentów |
|
BT8376EPF Arkusz danych(PDF) 34 Page - Synaptics Incorporated. |
|
|
|||||||||||||||||||||||||||||
BT8376EPF Arkusz danych(HTML) 34 Page - Synaptics Incorporated. |
|
34 / 323 page ![]() 2.0 Circuit Description Bt8370/8375/8376 2.2 Receive Line Interface Unit Fully Integrated T1/E1 Framer and Line Interface 2-6 Conexant N8370DSE If the RLIU functionality is not required, a bypass mode is provided [RDIGI; addr 020]. If the RLIU is bypassed, the RTIP/RRING pins are ignored, RPOSI/RNEGI P and N rail NRZ become inputs, and RCKI becomes the receive timing source. Figure 2-6 illustrates the relationship between the RLIU P and N rail NRZ data, the RLIU receive clock input, and the RCVR dual rail output. Figure 2-5. RLIU Waveforms—Bipolar Input Signal 1 2 3 4 56 7 BPV 13 5 6 Throughput BPV RTIP, RPOSO RXCLK RNEGO RRING 24 7 Figure 2-6. RLIU Waveforms—P and N Rail Digital Input Signal BPV Throughput BPV RPOSI RPOSO RCKI RNEGO RNEGI 2 2 1 1 3 3 56 56 7 7 4 4 |