Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BT8376EPF Arkusz danych(PDF) 95 Page - Synaptics Incorporated.

Numer części BT8376EPF
Szczegółowy opis  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CONEXANT [Synaptics Incorporated.]
Strona internetowa  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Arkusz danych(HTML) 95 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 91Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 92Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 93Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 94Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 95Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 96Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 97Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 98Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 99Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 323 page
background image
Bt8370/8375/8376
2.0 Circuit Description
Fully Integrated T1/E1 Framer and Line Interface
2.8 Transmitter
N8370DSE
Conexant
2-67
UMC forces DS0 channels containing eight 0s to be replaced with the
10011000 code, per Bellcore TA-TSY-000278.
NOTE:
RCVR's ZCS decoder cannot recover original data content from a UMC or
B7ZS encoded signal, or from a PDV-enforced one.
The TPOSO/TNEGO output pins provide access to the P and N rail unipolar
data before it is sent to the TLIU. The output on TPOSO/TNEGO can be changed
from dual rail unipolar to NRZ unipolar data (TNRZO) and to multiframe sync
clock (MSYNCO), using the Transmit NRZ Data (TNRZ) bit in TCR1[addr 071].
The TNRZ setting does not affect the XTIP/XRING output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More