| Zakładka z wyszukiwarką danych komponentów |
|
BT8376EPF Arkusz danych(PDF) 58 Page - Synaptics Incorporated. |
|
|
|||||||||||||||||||||||||||||
BT8376EPF Arkusz danych(HTML) 58 Page - Synaptics Incorporated. |
|
58 / 323 page ![]() 2.0 Circuit Description Bt8370/8375/8376 2.4 Receiver Fully Integrated T1/E1 Framer and Line Interface 2-30 Conexant N8370DSE Figure 2-14. Interrupt Driven Receive Data Link Processing NOTE(S): Message status contains number of message bytes (X) in FIFO where (X) equals 0 during idle channel or errored message. Interrupt Occurred Read Interrupt Status Complete MSG Read Message Status from FIFO No Read X Message Bytes from FIFO If Message Status is Good or No Yes Error Receiving Message Return Process Other Interrupt Yes Return or Near Full Interrupt Read Data Link Status If Message Status on FIFO No Yes Return Continue Interrupt Service Routine Read Message Byte from FIFO and Discard (Purge FIFO) |