Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BT8376EPF Arkusz danych(PDF) 116 Page - Synaptics Incorporated.

Numer części BT8376EPF
Szczegółowy opis  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CONEXANT [Synaptics Incorporated.]
Strona internetowa  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Arkusz danych(HTML) 116 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 112Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 113Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 114Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 115Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 116Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 117Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 118Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 119Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 120Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 323 page
background image
2.0 Circuit Description
Bt8370/8375/8376
2.12 Joint Test Access Group
Fully Integrated T1/E1 Framer and Line Interface
2-88
Conexant
N8370DSE
2.12 Joint Test Access Group
The Bt8370/8375/8376 incorporates printed circuit board testability circuits in
compliance with IEEE Std. P1149.1a–1993, IEEE Standard Test Access Port and
Boundary–Scan Architecture, commonly known as JTAG (Joint Test Action
Group).
The JTAG includes a Test Access Port (TAP) and several data registers. The
TAP provides a standard interface through which instructions and test data are
communicated (see Figure 2-49). A Boundary Scan Description Language
(BSDL) file for the Bt8370/8375/8376 is available from the factory upon request.
The test access port consists of the TDI, TCK, TMS, and TDO pins. An
internal power on reset circuit resets the JTAG port.
2.12.1 Instructions
In addition to the required BYPASS, SAMPLE/PRELOAD, and EXTEST
instructions, IDCODE instruction is supported. There are also two private
instructions. Table 2-25 lists the JTAG instructions, and their codes.
Figure 2-49. JTAG Diagram
JTAG Port
TCK
TMS
TDI
TDO
Table 2-25. JTAG Instructions
Instruction
Code
BYPASS
111 111
SAMPLE/PRELOAD
000 001
EXTEST
000 000
IDCODE
000 010
Private
xxx xxx
Private
xxx xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More