| Zakładka z wyszukiwarką danych komponentów |
|
BT8376EPF Arkusz danych(PDF) 152 Page - Synaptics Incorporated. |
|
|
|||||||||||||||||||||||||||||
BT8376EPF Arkusz danych(HTML) 152 Page - Synaptics Incorporated. |
|
152 / 323 page ![]() 3.0 Registers Bt8370/8375/8376 3.6 Primary Control and Status Registers Fully Integrated T1/E1 Framer and Line Interface 3-34 Conexant N8370DSE Table 3-7. Common TFSYNC and TMSYNC Configurations Conditions TFSYNC TMSYNC Explanation Transmit framer disabled. (TABORT = 1) IN IN TSB timebase slaved to system bus TFSYNC or TMSYNC. IN-GND IN TSB timebase slaved to system bus TMSYNC. TFSYNC is unused. IN IN-GND TSB timebase slaved to system bus TFSYNC. TMSYNC is unused and multiframe alignment is arbitrary. IN OUT SB timebase slaved to system bus TFSYNC. TMSYNC alignment is arbitrary. OUT OUT TSB timebase alignment is arbitrary. OUT IN TSB timebase slaved to system bus TMSYNC. TFSYNC aligns to TMSYNC input. Transmit framer enabled to search TPCMI for embedded framing. (EMBED = 0, TABORT = 0) OUT OUT TSB timebase is aligned to embedded framing on TPCMI. TPCMI must be configured to line rate for this case. Transmit framer enabled to search TNRZ (after TSLIP buffer) for embedded framing. (EMBED = 1, TABORT = 0) OUT IN-GND TSB timebase is aligned to embedded framing on TNRZ data. TMSYNC is unused. TPCMI may be configured for 1,544 kbps or a multiple of 2,048 kbps. Table 3-8. Common RFSYNC and RMSYNC Configurations Conditions RFSYNC RMSYNC Explanation THRU = 0 [RSIG_CR; addr 0D7] IN IN RSB timebase slaved to system bus RFSYNC or RMSYNC. IN OUT RSB timebase slaved to system bus RFSYNC. RMSYNC alignment is arbitrary. OUT IN RSB timebase slaved to system bus RMSYNC. RFSYNC aligns to TMSYNC input. OUT OUT RFSYNC and RMSYNC alignment is arbitrary. THRU = 1 [RSIG_CR; addr 0D7] IN OUT RSB timebase slaved to system bus RFSYNC. RMSYNC is aligned with the RX timebase and can follow a change of RX multiframe alignment without generating an alarm indication. OUT OUT RMSYNC is aligned with the RX timebase and can follow a change of RX multiframe alignment without generating an alarm indication. RFSYNC is aligned to RMSYNC. |