| Zakładka z wyszukiwarką danych komponentów |
|
BT8376EPF Arkusz danych(PDF) 196 Page - Synaptics Incorporated. |
|
|
|||||||||||||||||||||||||||||
BT8376EPF Arkusz danych(HTML) 196 Page - Synaptics Incorporated. |
|
196 / 323 page ![]() Bt8370/8375/8376 3.12 Transmitter Registers Fully Integrated T1/E1 Framer and Line Interface 3-78 Conexant N8370DSE TPATT[1:0] PRBS test patterns used by RPATT [addr 041] and TPATT [addr 076] are defined in the ITU standards O.151 and O.152 to use either inverted or non-inverted data. Bt8370/8375/8376 uses standard data inversion for the selected PRBS test pattern unless ZLIMIT is enabled, in which case the test pattern uses non-inverted data (see Table 3-21). Table 3-21. Transmit PRBS Test Pattern FRAMED ZLIMIT TPATT Test Pattern Inversion 00 00 Unframed 211 No 00 01 Unframed 215 Yes 00 10 Unframed 220 No 00 11 Unframed 223 Yes 01 00 Unframed 211 with 7 zero limit No 01 01 Unframed 215 with 7 zero limit No 01 10 Unframed 220 with 14 zero limit (QRSS/QRS/QRTS) No 01 11 Unframed 223 with 14 zero limit (non-std) No 10 00 Framed 211 No 10 01 Framed 215 Yes 10 10 Framed 220 No 10 11 Framed 223 Yes 11 00 Framed 211 with 7 zero limit No 11 01 Framed 215 with 7 zero limit (non std) No 11 10 Framed 220 with 14 zero limit (QRSS/QRS/QRTS)) No 11 11 Framed 223 with 14 zero limit (non-std) No |