Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTM4642 Arkusz danych(PDF) 28 Page - Linear Technology

Numer części LTM4642
Szczegółowy opis  20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTM4642 Arkusz danych(HTML) 28 Page - Linear Technology

Back Button LTM4642 Datasheet HTML 24Page - Linear Technology LTM4642 Datasheet HTML 25Page - Linear Technology LTM4642 Datasheet HTML 26Page - Linear Technology LTM4642 Datasheet HTML 27Page - Linear Technology LTM4642 Datasheet HTML 28Page - Linear Technology LTM4642 Datasheet HTML 29Page - Linear Technology LTM4642 Datasheet HTML 30Page - Linear Technology LTM4642 Datasheet HTML 31Page - Linear Technology LTM4642 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
LTM4642
28
4642fb
For more information www.linear.com/LTM4642
Figure 30. 3.3V Input to 1V and 1.8V at 4A Each, 1V Sequencing 1.8V Using PGOOD1 to Enable RUN2
+
VIN1 VIN2 CPWR
SGND
GND
LTM4642
4.7µF
COUT3
47µF
470pF
470pF
VOUT1
VOUT2
COUT4
100µF
CIN1
22µF
CIN2
22µF
0.1µF
0.1µF
VIN
3.3V
2.2
DRVCC INTVCC
RUN1
100k
10k
3.3V
RFB1
90.9k
RFB2
30.2k
RFREQ
66.5k
600kHz
4642 F30
10k
VRNG1
RUN2
PGOOD1
PGOOD1
PGOOD2
TRACK/SS1
TRACK/SS2
MODE/PLLIN
INTVCC
PINS USED: COMP1, COMP2, PHASEMD, CLKOUT, EXTVCC, SW1, SW2
VOUT1
VOUT1 1V AT 4A LOAD
VOUT2
VOUTS1
FREQ
VOUTS
VFB2
VFB1
VOUT2 1.8V AT 4A LOAD
PGOOD1
PGOOD2
INTVCC
5V BIAS
(~30mA)
+ COUT2
150µF
15m SANYO
POSCAP
COUT1
47µF
Typical applicaTions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com