Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSM6652 Arkusz danych(PDF) 32 Page - OKI electronic componets

Numer części MSM6652
Szczegółowy opis  Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OKI [OKI electronic componets]
Strona internetowa  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6652 Arkusz danych(HTML) 32 Page - OKI electronic componets

Back Button MSM6652 Datasheet HTML 28Page - OKI electronic componets MSM6652 Datasheet HTML 29Page - OKI electronic componets MSM6652 Datasheet HTML 30Page - OKI electronic componets MSM6652 Datasheet HTML 31Page - OKI electronic componets MSM6652 Datasheet HTML 32Page - OKI electronic componets MSM6652 Datasheet HTML 33Page - OKI electronic componets MSM6652 Datasheet HTML 34Page - OKI electronic componets MSM6652 Datasheet HTML 35Page - OKI electronic componets MSM6652 Datasheet HTML 36Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
32/45
¡ Semiconductor
MSM6650 Family
FEDL6650-03
4.MSM6650
64-Pin plastic QFP (64-Pin plastic SDIP)
Symbol Type
Description
RESET
CMD
ST
Reset. The devices enter stanby status when a low level is input to this pin.
When RESET, oscillation stops. The AOUT output goes to ground and the IC
status is reinitalized.
This pin has an internal pull-up resistor.
I
I
I
CH
I6/SD
I5/SI
I
I
I
BUSY
O
NAR
O
Busy. Outputs a "L" level during playback and a "H" level when power is turned ON.
The CMD and ST inputs become effective when high. NAR indicates whether the
address bus (I0 through I6) is ready to accept another address. When high, it is
ready to accept. NAR goes high when power is turned ON.
AOUT
O
Analog Speech Output. D/A converter output or LPF output is selected by
entering the command.
Ceramic Oscillator Output. If an external clock is used, leave this pin open.
XT
O
Command Input and Option Control. This pin is used as command and
option input when CMD is at the high level with
ST low. If this pin is not used or
serial input is optioned, set this pin to "H" level. This pin has an internal pull-up
resistor.
Start. Speech playback starts at the fall of the
ST pulse. The I0 - I6 addresses
are latched at the rise of the
ST pulse. Input a ST pulse when NAR goes to the
high level for channels 1 and 2. This pin has an internal pull-up resistor.
Channel Control. Channel 1 is selected when the input is pulled high. Channel 2
is selected when the input is low. This pin has an internal pull-up resistor.
This pin is command and user-defined phrase input when parallel input is optioned.
This pin is serial data (command and address) input when serial input is optioned.
This pin is command and user-defined phrase input when parallel input is optioned.
This pin is used as serial clock input when serial input is optioned.
XT
I
Ceramic Oscillator Input. This pin has an internal 0.5 to 5 M
W feedback
resistor between XT and
XT. If an external clock is used, this is the clock input pin.
I4
I
This pin is command and user-defined phrase input when parallel input is optioned.
When serial input is optioned, set this pin to "L" level. This pin has an internal
pull-down resistor.
I3/PORT1
I/O
This pin is command and user-defined phrase input when parallel input is optioned.
When serial input is optioned, this pin is a port output. The port output is controlled
by entering external silence insertion code.
I2/PORT0
I/O
This pin is command and user-defined phrase input when parallel input is optioned.
When serial input is optioned, this pin is a port output. The port output is controlled
by entering external silence insertion code.
I0, I1
I
This pin is command and user-defined phrase input when parallel input is optioned.
When serial input is optioned, set this pin to "L" level. This pin has an internal
pull-down resistor.
Pin
29 (19)
13 (3)
14 (4)
28 (18)
27 (17)
26 (16)
3 (57)
4 (58)
5 (59)
11 (1)
10 (64)
25 (15)
24 (14)
23 (13)
21, 22 (11, 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com