Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSM6652 Arkusz danych(PDF) 35 Page - OKI electronic componets

Numer części MSM6652
Szczegółowy opis  Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OKI [OKI electronic componets]
Strona internetowa  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6652 Arkusz danych(HTML) 35 Page - OKI electronic componets

Back Button MSM6652 Datasheet HTML 31Page - OKI electronic componets MSM6652 Datasheet HTML 32Page - OKI electronic componets MSM6652 Datasheet HTML 33Page - OKI electronic componets MSM6652 Datasheet HTML 34Page - OKI electronic componets MSM6652 Datasheet HTML 35Page - OKI electronic componets MSM6652 Datasheet HTML 36Page - OKI electronic componets MSM6652 Datasheet HTML 37Page - OKI electronic componets MSM6652 Datasheet HTML 38Page - OKI electronic componets MSM6652 Datasheet HTML 39Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
35/45
¡ Semiconductor
MSM6650 Family
FEDL6650-03
ELECTRICAL CHARACTERISTICS
DC Characteristics
*1. Applied to RESET, CMD, ST, CH.
*2. Applied to MSM6652/53/54/55/56, MSM6652A/53A/54A/55A/56A/58A, MSM6650.
*3. Applied to MSM66P54/P56.
DC Characteristics
Note: Applied to RESET, CMD, ST, CH.
Parameter
Symbol
Condition
Min.
Unit
VIH
VIL
VOH
VOL
IIH1
IIH2
IIL1
IIL2
IDD
High level input voltage
Low level input voltage
High level output voltage
Low level output voltage
High level input current 1
High level input current 2
Low level input current 1
Low level input current 2
Operating current
Standby current
D/A output relative accuracy
IOH=–1 mA
IOL=2 mA
VIH=VDD
Internal pull-down resistor
VIL=GND
Internal pull-up resistor
fOSC=4.096 MHz, No load
Ta=–40
°C to +50°C
Ta=–40
°C to +85°C
When D/A output selected
0.84¥VDD
4.6
30
–10
–200
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
mV
Typ.
Max.
90
–90
6
0.17¥VDD
0.4
10
200
–30
10
10
30
40
(VDD=4.5 to 5.5 V, GND=0 V, Ta=–40 to +85
°C)
*1
RDAO
RAOUT
RLPF
D/A output impedance
LPF driving resisance
LPF output impedance
When D/A output selected *2
When D/A output selected *3
When LPF output selected
IF=100 mA
15
15
50
kW
kW
kW
kW
25
30
1
35
45
3
IDS
|VDAE|
Parameter
Symbol
Condition
Min.
Unit
VIH
VIL
VOH
VOL
IIH1
IIH2
IIL1
IIL2
IDD
High level input voltage
Low level input voltage
High level output voltage
Low level output voltage
High level input current 1
High level input current 2
Low level input current 1
Low level input current 2
Operating current
Standby current
D/A output relative accuracy
D/A output impedance
LPF driving resistance
LPF output impedance
IOH=–1 mA
IOL=2 mA
VIH=VDD
Internal pull-down resistor
VIL=GND
Internal pull-up resistor
fOSC=4.096 MHz, No load
Ta=–40
°C to +50°C
Ta=–40
°C to +85°C
When D/A output selected
When D/A output selected
When LPF output selected
IF=100 mA
0.84¥VDD
2.6
10
–10
–100
15
50
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
mV
kW
kW
kW
(VDD=2.4 to 3.6 V, GND=0 V, Ta=–40 to +85
°C)
Typ.
Max.
30
–30
4
25
1
0.17¥VDD
0.4
10
100
–10
7
5
20
20
35
3
(Note)
IDS
|VDAE|
RDAO
RAOUT
RLPF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com