Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSM6652 Arkusz danych(PDF) 16 Page - OKI electronic componets

Numer części MSM6652
Szczegółowy opis  Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OKI [OKI electronic componets]
Strona internetowa  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6652 Arkusz danych(HTML) 16 Page - OKI electronic componets

Back Button MSM6652 Datasheet HTML 12Page - OKI electronic componets MSM6652 Datasheet HTML 13Page - OKI electronic componets MSM6652 Datasheet HTML 14Page - OKI electronic componets MSM6652 Datasheet HTML 15Page - OKI electronic componets MSM6652 Datasheet HTML 16Page - OKI electronic componets MSM6652 Datasheet HTML 17Page - OKI electronic componets MSM6652 Datasheet HTML 18Page - OKI electronic componets MSM6652 Datasheet HTML 19Page - OKI electronic componets MSM6652 Datasheet HTML 20Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
16/45
¡ Semiconductor
MSM6650 Family
FEDL6650-03
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
Condition
Min.
Unit
"H" input voltage
"L" input voltage
"H" output voltage
"L" output voltage
"H" input current 1
"H" input current 2
"L" input current 1
"L" input current 2
Operating power consumption
Standby power consumption
IOH=–1 mA
IOL=2 mA
VIH=VDD
Internal pull-down resistance
VIL=GND
Internal pull-up resistance
fOSC=4.096 MHz, No load
Ta=–40
°C to +50°C
Ta=–40
°C to +85°C
0.84¥VDD
4.6
30
–10
–200
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
Typ.
Max.
90
–90
6
0.17¥VDD
0.4
10
200
–30
10
10
30
(VDD=4.5 to 5.5 V, GND=0 V, Ta=–40 to +85
°C)
(note)
VIH
VIL
VOH
VOL
IIH1
IIH2
IIL1
IIL2
IDD
IDS
DC Characteristics
Parameter
Symbol
Condition
Min.
Unit
VIH
VIL
VOH
VOL
IIH1
IIH2
IIL1
IIL2
IDD
"H" input voltage
"L" input voltage
"H" output voltage
"L" output voltage
"H" input current 1
"H" input current 2
"L" input current 1
"L" input current 2
Operating power consumiption
Standby power consumption
LPF driving resistance
LPF output impedance
IOH=–1 mA
IOL=2 mA
VIH=VDD
Internal pull-down resistance
VIL=GND
Internal pull-up resistance
fOSC=4.096 MHz, No load
Ta=–40
°C to +50°C
Ta=–40
°C to +85°C
When LPF output is selected
IF=100 mA
0.84¥VDD
2.6
10
–10
–100
50
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
kW
kW
(VDD=2.4 to 3.6 V, GND=0 V, Ta=–40 to +85
°C)
Typ.
Max.
30
–30
4
1
0.17¥VDD
0.4
10
100
–10
7
5
20
3
IDS
RAOUT
RLPF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com