Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FCABLE22 Arkusz danych(PDF) 3 Page - SOURIAU-SUNBANK Connection Technologies

Numer części FCABLE22
Szczegółowy opis  ARINC 801 Fiber Optic Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Strona internetowa  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

FCABLE22 Arkusz danych(HTML) 3 Page - SOURIAU-SUNBANK Connection Technologies

  FCABLE22 Datasheet HTML 1Page - SOURIAU-SUNBANK Connection Technologies FCABLE22 Datasheet HTML 2Page - SOURIAU-SUNBANK Connection Technologies FCABLE22 Datasheet HTML 3Page - SOURIAU-SUNBANK Connection Technologies FCABLE22 Datasheet HTML 4Page - SOURIAU-SUNBANK Connection Technologies FCABLE22 Datasheet HTML 5Page - SOURIAU-SUNBANK Connection Technologies FCABLE22 Datasheet HTML 6Page - SOURIAU-SUNBANK Connection Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
ARINC 801 | Termini and 38999 Connectors
Note: All dimensions are in millimeters (mm)
Termini
Termini dimensions
8.13 Max.
12.3 Max. after crimping
14.2 Min. forward position
Protective cap
Ferrule
Spring
Crimp sleeve
Ordering information
SOURIAU ARINC 801 Termini
ARC1
G
18T
A
Fiber type:
G: Multimode fiber 50/125μm or 62.5/125μm
E: Singlemode fiber 9/125μm - consult us for availability
Cable type and diameter:
09T: Ø 900μm fiber cable - non waterproof
18T: Ø 1.6mm to Ø 2.2mm fiber cable, tight structure
18L: Ø 1.6mm to Ø 2.2mm fiber cable, loose structure
Contact version index



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com