Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FCABLE22 Arkusz danych(PDF) 2 Page - SOURIAU-SUNBANK Connection Technologies

Numer części FCABLE22
Szczegółowy opis  ARINC 801 Fiber Optic Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Strona internetowa  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

FCABLE22 Arkusz danych(HTML) 2 Page - SOURIAU-SUNBANK Connection Technologies

  FCABLE22 Datasheet HTML 1Page - SOURIAU-SUNBANK Connection Technologies FCABLE22 Datasheet HTML 2Page - SOURIAU-SUNBANK Connection Technologies FCABLE22 Datasheet HTML 3Page - SOURIAU-SUNBANK Connection Technologies FCABLE22 Datasheet HTML 4Page - SOURIAU-SUNBANK Connection Technologies FCABLE22 Datasheet HTML 5Page - SOURIAU-SUNBANK Connection Technologies FCABLE22 Datasheet HTML 6Page - SOURIAU-SUNBANK Connection Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
ARINC 801 | Termini and 38999 Connectors
Description
• Screw coupling
• Shell size from 11 to 25
• Large number of layouts from 2 to 32 termini
• Composite, aluminum, stainless steel material
• Protected by cadmium, nickel, green zinc cobalt
or black zinc nickel plating
• Accessories and tools available (protective caps,
backshells, etc… )
Optical
• Multimode insertion loss
(IEC 61300-3-4 method B):
Typical 0.3 dB
Mechanical
• Endurance:
Minimum 100 mating/unmating operations
• Shock:
300 g, 3ms as per TIA/EIA 455-14
• Vibration:
23.1 Grms as per TIA/EIA 455-11
• Contact retention:
68N, as per SAE AS 13441 method 2009.1
for 1.8mm cable
Environmental
• Salt spray:
. Aluminum shell:
Olive Drab Cadmium (W): 500 Hrs
Nickel (F): 48 Hrs
Black Zinc Nickel (Z): 500 Hrs
. Composite shell:
Olive Drab Cadmium (J): 2000 Hrs
Nickel (M): 2000 Hrs
Without plating (X): 2000 Hrs
. Stainless steel shell:
Passivated (K): 500 Hrs
Nickel (S): 500 Hrs
• Temperature range:
. Thermal cycling 50 cycles between -55°C
to +125°C as per TIA/EIA 455-3
. Temperature life 1000 hours at 125°C as
per TIA/EIA-455-4C
• Humidity:
10 cycles/24h, -25 to +65°C, 90% RH as per
TIA/EIA 455-5
• Altitude immersion
Pressure equivalent to 50,000 ft (15,200 m)
Technical features



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com