Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FCABLE22 Arkusz danych(PDF) 1 Page - SOURIAU-SUNBANK Connection Technologies

Numer części FCABLE22
Szczegółowy opis  ARINC 801 Fiber Optic Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Strona internetowa  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

FCABLE22 Arkusz danych(HTML) 1 Page - SOURIAU-SUNBANK Connection Technologies

  FCABLE22 Datasheet HTML 1Page - SOURIAU-SUNBANK Connection Technologies FCABLE22 Datasheet HTML 2Page - SOURIAU-SUNBANK Connection Technologies FCABLE22 Datasheet HTML 3Page - SOURIAU-SUNBANK Connection Technologies FCABLE22 Datasheet HTML 4Page - SOURIAU-SUNBANK Connection Technologies FCABLE22 Datasheet HTML 5Page - SOURIAU-SUNBANK Connection Technologies FCABLE22 Datasheet HTML 6Page - SOURIAU-SUNBANK Connection Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ARINC 801 Fiber Optic Connectors
ARINC 801
Termini and 38999 Connectors
Quality and service
100% SOURIAU components: termini,
patchcord and connectors.
The high density fiber optic connection made by SOURIAU using 1.25mm
ferrules.
Wide range of material
From composite, aluminum, to stainless steel
material connectors in stock.
A qualified technology
Flight proven qualified ARINC 801 standard.


Podobny numer części - FCABLE22

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cornell Dubilier Electr...
FCA CDE-FCA Datasheet
932Kb / 5P
Acrylic Stacked Metallized Film Capacitors for Filtering and Noise Attenuation
logo
M-System Co.,Ltd.
FCA MSYSTEM-FCA Datasheet
104Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
logo
KITAGAWA GmbH
FCA KGS-FCA Datasheet
291Kb / 1P
Clip with side slot for cable
FCA-07-V0-R KGS-FCA-07-V0-R Datasheet
291Kb / 1P
Clip with side slot for cable
logo
M-System Co.,Ltd.
FCA-10-K MSYSTEM-FCA-10-K Datasheet
104Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
More results

Podobny opis - FCABLE22

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hirose Electric
HMUA-2P2-H1 HIROSE-HMUA-2P2-H1 Datasheet
818Kb / 8P
MU Type Fiber Optic Connectors
HRFC-P8-H2 HIROSE-HRFC-P8-H2 Datasheet
340Kb / 8P
FC Type Fiber Optic Connectors
HSC-PH2-E1 HIROSE-HSC-PH2-E1 Datasheet
760Kb / 6P
SC Type Fiber Optic Connectors
MF14B-WRF01-0200 HIROSE-MF14B-WRF01-0200 Datasheet
356Kb / 9P
Harsh Environment Fiber Optic Connectors
logo
ITT Industries
FOMC ITT-FOMC Datasheet
354Kb / 5P
Fiber Optic Multi-Channel Connectors
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
SC Fiber Optic Connectors
logo
Hirose Electric
HMU HIROSE-HMU Datasheet
787Kb / 22P
MU Type Fiber Optic Connectors
HRFC HIROSE-HRFC Datasheet
310Kb / 7P
FC Type Fiber Optic Connectors
HSC HIROSE-HSC Datasheet
759Kb / 21P
SC Type Fiber Optic Connectors
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com