| Zakładka z wyszukiwarką danych komponentów |
|
CC3235MODASF Arkusz danych(PDF) 22 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CC3235MODASF Arkusz danych(HTML) 22 Page - Texas Instruments |
|
22 / 100 page ![]() Copyright © 2019, Texas Instruments Incorporated Terminal Configuration and Functions Submit Documentation Feedback Product Folder Links: CC3235MODAS CC3235MODASF 22 CC3235MODAS, CC3235MODASF SWRS233 – OCTOBER 2019 www.ti.com Table 4-2. Pin Attributes and Pin Multiplexing (continued) GENERAL PIN ATTRIBUTES FUNCTION PAD STATES Pkg. Pin Pin Alias Use Select as Wakeup Source Config. Addl. Analog Mux Muxed With JTAG Dig. Pin Mux Config. Reg. Dig. Pin Mux Config. Mode Value Signal Name Signal Description Signal Direction LPDS(1) Hib(2) nRESET = 0 37 VBAT1 Supply input N/A N/A N/A N/A N/A VBAT1 Analog DC/DC input (connected to chip input supply [VBAT]) N/A N/A N/A N/A 38 GND GND N/A N/A N/A N/A N/A GND GND N/A N/A N/A N/A 39 NC WLAN analog N/A N/A N/A N/A N/A NC Reserved N/A N/A N/A N/A 40 VBAT2 Supply input N/A N/A N/A N/A N/A VBAT2 Analog input supply VBAT N/A N/A N/A N/A 41 NC WLAN analog N/A N/A N/A N/A N/A NC Reserved N/A N/A N/A N/A 42 GPIO30 I/O No User config not required (7) No GPIO_PAD_ CONFIG_30 (0x4402 E118) 0 GPIO30 GPIO I/O Hi-Z, Pull, Drive Hi-Z, Pull, Drive Hi-Z 9 UART0_TX UART0 TX data O 1 2 McACLK I2S audio port clock O Hi-Z, Pull, Drive 3 McAFSX I2S audio port frame sync O Hi-Z, Pull, Drive 4 GT_CCP05 Timer capture port I Hi-Z, Pull, Drive 7 GSPI_MISO General SPI MISO I/O Hi-Z, Pull, Drive 43 GND GND N/A N/A N/A N/A N/A GND GND N/A N/A N/A N/A |