Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DSA6331JA2EB-T Arkusz danych(PDF) 5 Page - Microchip Technology

Numer części DSA6331JA2EB-T
Szczegółowy opis  Ultra-Small, Ultra-Low Power MEMS Oscillatorwith Spread Spectrum for Automotive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA6331JA2EB-T Arkusz danych(HTML) 5 Page - Microchip Technology

  DSA6331JA2EB-T Datasheet HTML 1Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 2Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 3Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 4Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 5Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 6Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 7Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 8Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
SPREAD SPECTRUM
Ordering Code
Spread Percentage
Spread Type
A
±0.25%
Center-Spread
B
±0.5%
Center-Spread
C
±1.0%
Center-Spread
D
±1.5%
Center-Spread
E
±2.0%
Center-Spread
F
±2.5%
Center-Spread
G
–0.25%
Down-Spread
H
–0.5%
Down-Spread
I
–1.0%
Down-Spread
J
–1.5%
Down-Spread
K
–2.0%
Down-Spread
L
–3.0%
Down-Spread
M
Custom
Center-Spread or Down-Spread
TEMPERATURE SPECIFICATIONS (Note 1)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Junction Operating Temperature
TJ
–40
—
+150
°C
—
Storage Ambient Temperature Range
TA
–55
—
+150
°C
—
Soldering Temperature
TS
—
+260
—
°C
40 sec. max.
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, θJA). Exceeding the max-
imum allowable power dissipation will cause the device operating junction temperature to exceed the max-
imum +150°C rating. Sustained junction temperatures above +150°C can impact the device reliability.
 2019 Microchip Technology Inc.
DS20006189A-page 5
DSA63XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com