Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DSA6331JA2EB-T Arkusz danych(PDF) 17 Page - Microchip Technology

Numer części DSA6331JA2EB-T
Szczegółowy opis  Ultra-Small, Ultra-Low Power MEMS Oscillatorwith Spread Spectrum for Automotive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA6331JA2EB-T Arkusz danych(HTML) 17 Page - Microchip Technology

Back Button DSA6331JA2EB-T Datasheet HTML 13Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 14Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 15Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 16Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 17Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 18Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 19Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 20Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
RECOMMENDED LAND PATTERN
Dimension Limits
Units
X2
Contact Width (X2)
Contact Pitch
MILLIMETERS
1.55 BSC
MIN
E
MAX
Space Between Contacts (X4)
Contact Pad Length (X6)
G1
Y0.70
Microchip Technology Drawing C04-3200A
NOM
4-Lead Very Thin Fine Pitch Land Grid Array (ASA) - 2.0x1.6 mm Body [VFLGA]
SILK SCREEN
12
4
X1
Contact Width (X4)
Space Between Contacts (X3)
G2
0.25
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
X1
Y
G2
G1
E
(CH)
C
Contact Spacing
0.95
0.40
0.50
1.05
Contact 1 Index Chamfer
CH
0.13 X 45° REF
C
 2019 Microchip Technology Inc.
DS20006189A-page 17
DSA63XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com