Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DSA6331JA2EB-T Arkusz danych(PDF) 1 Page - Microchip Technology

Numer części DSA6331JA2EB-T
Szczegółowy opis  Ultra-Small, Ultra-Low Power MEMS Oscillatorwith Spread Spectrum for Automotive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA6331JA2EB-T Arkusz danych(HTML) 1 Page - Microchip Technology

  DSA6331JA2EB-T Datasheet HTML 1Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 2Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 3Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 4Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 5Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 6Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 7Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 8Page - Microchip Technology DSA6331JA2EB-T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2019 Microchip Technology Inc.
DS20006189A-page 1
DSA63XX
Features
• Automotive AEC-Q100 Qualified
• Output Frequency: 1 MHz to 100 MHz LVCMOS
• Spread Spectrum Options:
- Center-Spread: ±0.25%, ±0.5%, ±1.0%,
±1.5%, ±2.0%, ±2.5%
- Down-Spread: –0.25%, –0.5%, –1.0%,
–1.5%, –2.0%, –3.0%
• Ultra-Low Power Consumption: 3 mA (Active),
1
A (Standby)
• Wide Supply Voltage Range: 1.71V ~ 3.63V VDD
• Wide Temperature Range:
- Automotive Grade 1: –40°C to +125°C
- Automotive Grade 2: –40°C to +105°C
- Automotive Grade 3: –40°C to +85°C
• Ultra-Small Package Sizes:
- 1.6 mm
1.2 mm
- 2.0 mm
1.6 mm
- 2.5 mm
2.0 mm
• Excellent Shock and Vibration Immunity
- Qualified to MIL-STD-883
• High Reliability
- 20x Better MTBF than Quartz Oscillators
• Lead Free and RoHS Compliant
Applications
• Automotive Infotainment
• Automotive ADAS
• Automotive Camera Module
Benefits
• Replace High-Temperature Crystals and Quartz
Oscillators
General Description
The DSA63xx series of clock generators uses a proven
silicon MEMS technology to provide excellent
frequency stability over a wide range of temperatures
as well as small size. Available in three different
package sizes with operating current as low as 3 mA,
the smallest 4-pin package is a mere 1.6 mm x 1.2 mm
in size. The devices support up to ±2.5% or –3%
spread spectrum that can achieve up to 15 dB
electromagnetic interference (EMI) reduction. Because
of industry standard package and pin options,
customers can solve last minute EMI problems simply
by placing the new DSA63xx on their current board
layout with no redesign required.
The DSA63xx family is available in 1.6 mm x 1.2 mm
and 2.0 mm x 1.6 mm, and 2.5 mm x 2.0 mm
packages. These packages are “drop-in” replacements
for standard 4-pin CMOS quartz crystal oscillators.
Package Types
DSA63XX
2.5 mm x 2.0 mm VLGA
2.0 mm x 1.6 mm VFLGA
1.6 mm x 1.2 mm VFLGA
(Top View)
OE/STDBY/SSEN
4
GND
VDD
OUT
3
2
1
Ultra-Small, Ultra-Low Power MEMS Oscillator
with Spread Spectrum for Automotive


Podobny numer części - DSA6331JA2EB-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IXYS Corporation
DSA60C100PB IXYS-DSA60C100PB Datasheet
117Kb / 4P
Schottky Diode Gen 2 High Performance Schottky Diode Low Loss and Soft Recovery
logo
Inchange Semiconductor ...
DSA60C100PB ISC-DSA60C100PB Datasheet
349Kb / 2P
Schottky Rectifier Diode
logo
IXYS Corporation
DSA60C150PB IXYS-DSA60C150PB Datasheet
136Kb / 5P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
logo
Inchange Semiconductor ...
DSA60C150PB ISC-DSA60C150PB Datasheet
349Kb / 2P
Schottky Rectifier Diode
logo
IXYS Corporation
DSA60C45HB IXYS-DSA60C45HB Datasheet
100Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
More results

Podobny opis - DSA6331JA2EB-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mercury United Electron...
HM572RD05 MERCURY-HM572RD05 Datasheet
121Kb / 1P
Ultra Small SMD seam sealed spread spectrum Low EMI clock crystal oscillator units.
HM572RD30 MERCURY-HM572RD30 Datasheet
121Kb / 1P
Ultra Small SMD seam sealed spread spectrum Low EMI clock crystal oscillator units.
logo
Microchip Technology
DSC61XX MICROCHIP-DSC61XX Datasheet
307Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
DSC60XX MICROCHIP-DSC60XX Datasheet
308Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
DSC63XXB MICROCHIP-DSC63XXB Datasheet
479Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
08/15/18
DSC60XXB MICROCHIP-DSC60XXB Datasheet
335Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSC61XXB MICROCHIP-DSC61XXB Datasheet
330Kb / 24P
Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSC63XX MICROCHIP-DSC63XX Datasheet
457Kb / 28P
Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
11/07/16
DSA60XX MICROCHIP-DSA60XX Datasheet
429Kb / 26P
Ultra-Small, Low Power MEMS Oscillator for Automotive
05/14/19
DSA61XX MICROCHIP-DSA61XX Datasheet
416Kb / 24P
Ultra-Small, Low Power MEMS Oscillator for Automotive
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com