Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMBJ Arkusz danych(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Numer części SMBJ
Szczegółowy opis  600W Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Strona internetowa  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMBJ Arkusz danych(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMBJ Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMBJ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMBJ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMBJ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SMBJ Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SMBJ Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL CHARACTERISTICS (TA=25℃)
Part
Number
VR
IR@VR
VBR@IT
IT
VC@IPP
IPP
①
Uni-Polar
Bi-Polar
V
μA
min(V)
max(V)
mA
max(V)
A
SMBJ5.0A
SMBJ5.0CA
5.0
100
6.40
7.00
10
9.2
65.2
SMBJ6.0A
SMBJ6.0CA
6.0
100
6.67
7.37
10
10.3
58.3
SMBJ6.5A
SMBJ6.5CA
6.5
50
7.22
7.98
10
11.2
53.6
SMBJ7.0A
SMBJ7.0CA
7.0
50
7.78
8.60
10
12.0
50.0
SMBJ7.5A
SMBJ7.5CA
7.5
50
8.33
9.21
1
12.9
46.5
SMBJ8.0A
SMBJ8.0CA
8.0
20
8.89
9.83
1
13.6
44.1
SMBJ8.5A
SMBJ8.5CA
8.5
10
9.44
10.40
1
14.4
41.7
SMBJ9.0A
SMBJ9.0CA
9.0
5
10.00
11.10
1
15.4
39.0
SMBJ10A
SMBJ10CA
10
2
11.10
12.30
1
17.0
35.3
SMBJ11A
SMBJ11CA
11
1
12.20
13.50
1
18.2
33.0
SMBJ12A
SMBJ12CA
12
1
13.30
14.70
1
19.9
30.2
SMBJ13A
SMBJ13CA
13
1
14.40
15.90
1
21.5
27.9
SMBJ14A
SMBJ14CA
14
1
15.60
17.20
1
23.2
25.9
SMBJ15A
SMBJ15CA
15
1
16.70
18.50
1
24.4
24.6
SMBJ16A
SMBJ16CA
16
1
17.80
19.70
1
26.0
23.1
SMBJ17A
SMBJ17CA
17
1
18.90
20.90
1
27.6
21.8
SMBJ18A
SMBJ18CA
18
1
20.00
22.10
1
29.2
20.6
SMBJ20A
SMBJ20CA
20
1
22.20
24.50
1
32.4
18.6
SMBJ22A
SMBJ22CA
22
1
24.40
26.90
1
35.5
16.9
SMBJ24A
SMBJ24CA
24
1
26.70
29.50
1
38.9
15.4
SMBJ26A
SMBJ26CA
26
1
28.90
31.90
1
42.1
14.3
SMBJ28A
SMBJ28CA
28
1
31.10
34.40
1
45.4
13.2
SMBJ30A
SMBJ30CA
30
1
33.30
36.80
1
48.4
12.4
SMBJ33A
SMBJ33CA
33
1
36.70
40.60
1
53.3
11.3
SMBJ36A
SMBJ36CA
36
1
40.00
44.20
1
58.1
10.4
SMBJ40A
SMBJ40CA
40
1
44.40
49.10
1
64.5
9.3
SMBJ43A
SMBJ43CA
43
1
47.80
52.80
1
69.4
8.7
SMBJ45A
SMBJ45CA
45
1
50.00
55.30
1
72.7
8.3
SMBJ48A
SMBJ48CA
48
1
53.30
58.90
1
77.4
7.8
SMBJ51A
SMBJ51CA
51
1
56.70
62.70
1
82.4
7.3
Rev :
www.leiditech.com
01.06.2014
2/6
SMBJ Series 600W Transient Voltage Suppressor
00W Transient Voltage Suppressor
SMBJ3.3A
SMBJ3.3CA
3.3
200
4.1
4.6
10
7.3
50



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com