Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMBJ Arkusz danych(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Numer części SMBJ
Szczegółowy opis  600W Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Strona internetowa  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMBJ Arkusz danych(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMBJ Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMBJ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMBJ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMBJ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SMBJ Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SMBJ Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ORDERING INFORMATION
RATINGS AND V-I CHARACTERISTICS CURVES (T
A=25ºC, unless otherwise noted)
FIG.1:V- I curve characteristics
(Uni-directional)
FIG.2:V- I curve characteristics
(Bi-directional)
IPP
VC VBR VR
VF
V
IPP
VC VBR VR
V
VC
VBR
VR
IR
IT
IR
IT
IPP
FIG.3: Pulse waveform
IPPM(%IRSM)
0
100
50
0
1.0
2.0
3.0
4.0
Peak value
150
Half value
tr=10μs
td
tr = rise time to peak value
td = decay time to half value
t(ms)
FIG.4: Pulse derating curve
PPP derating in percentage(%)
0
20
0
25
50
75
100
125
150
175
100
TA(℃)
40
60
80
Rev :
www.leiditech.com
01.06.2014
4/6
SMBJ Series 600W Transient Voltage Suppressor
00W Transient Voltage Suppressor



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com