Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMBJ Arkusz danych(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Numer części SMBJ
Szczegółowy opis  600W Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Strona internetowa  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMBJ Arkusz danych(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMBJ Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMBJ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMBJ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMBJ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SMBJ Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SMBJ Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SMBJ Series 600W Transient Voltage Suppressor
DESCRIPTION:
TVS diodes can be used in a wide range of applications
which like consumer electronic products, automotive
industries, munitions, telecommunications, aerospace
industries, and intelligent control systems.
FEATURES:
 Glass passivated or planar
 Excellent clamping capability
 Repetition rate (duty cycle): 0.01%
 Typical IR less than 1μA above 10V.
 Low profile package and low inductance
 600W Peak Pulse power capability at 10×1000
 Fast response time: typically less than 1.0ps from 0V to V
 High temperature soldering: 260
 Plastic package has Underwriters Laboratory Flammability 94V
 For surface mounted applications in order to optimize board space
ABSOLUTE MAXIMUM RATINGS
Parameter
Storage temperature range
Operating junction temperature range
Steady state power dissipation at T
Peak pulse power dissipation on 10/1000
waveform
Maximum Instantaneous Forward
50A for Unidirectional
00W Transient Voltage Suppressor
iodes can be used in a wide range of applications
which like consumer electronic products, automotive
industries, munitions, telecommunications, aerospace
industries, and intelligent control systems.
ar junction
Excellent clamping capability
Repetition rate (duty cycle): 0.01%
A above 10V.
ow inductance
00W Peak Pulse power capability at 10×1000μs waveform.
Fast response time: typically less than 1.0ps from 0V to VBR min.
emperature soldering: 260℃/10s at terminals.
Plastic package has Underwriters Laboratory Flammability 94V-0.
For surface mounted applications in order to optimize board space
RATINGS (T
A=25ºC, RH=45%-75%, unless otherwise
Symbol
Value
Tstg
-55
junction temperature range
Tj
-55
Steady state power dissipation at TL=75℃
PM(AV)
Peak pulse power dissipation on 10/1000μs
PPP
Maximum Instantaneous Forward Voltage at
VF
unless otherwise noted)
Value
Unit
to +125
℃
to +125
℃
5.0
W
600
W
5.0
V
SMB
Symbol
Rev :
www.leiditech.com
01.06.2014
1/6
 AEC-Q101 qualified.


Podobny numer części - SMBJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jinan Gude Electronic D...
SMBJ JGD-SMBJ Datasheet
301Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Yangzhou yangjie electr...
SMBJ YANGJIE-SMBJ Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
UNIOHM CORPORATION
SMBJ UNIOHM-SMBJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
600W Peak Power Surface Mount TVS
More results

Podobny opis - SMBJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
600w Transient Voltage Suppressor
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
600W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
600W Transient Voltage Suppressor
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
600W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
600W Transient Voltage Suppressor
P6SMB LEIDITECH-P6SMB Datasheet
1Mb / 6P
600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com