Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCP18480 Arkusz danych(PDF) 2 Page - Microchip Technology

Numer części MCP18480
Szczegółowy opis  -48V Hot Swap Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP18480 Arkusz danych(HTML) 2 Page - Microchip Technology

  MCP18480 Datasheet HTML 1Page - Microchip Technology MCP18480 Datasheet HTML 2Page - Microchip Technology MCP18480 Datasheet HTML 3Page - Microchip Technology MCP18480 Datasheet HTML 4Page - Microchip Technology MCP18480 Datasheet HTML 5Page - Microchip Technology MCP18480 Datasheet HTML 6Page - Microchip Technology MCP18480 Datasheet HTML 7Page - Microchip Technology MCP18480 Datasheet HTML 8Page - Microchip Technology MCP18480 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
MCP18480
DS20091B-page 2
 2003 Microchip Technology Inc.
Internal comparators are incorporated to add hystere-
sis for adjusting the Undervoltage Lockout (UVLO)
threshold. The external N-channel MOSFET is turned
on when the input is below the user-programmable,
Overvoltage
threshold
and
above
the
user-
programmable, Undervoltage threshold.
The PWRGOOD pin indicates the status of the
MCP18480 and is active when the device has com-
pleted power-up and the system is not in an Undervolt-
age, Overvoltage or current-limit condition.
PWRGOOD can be externally configured to either
active-high or active-low to accommodate external cir-
cuitry (power supplies) that have either enabling logic.
A block diagram of the MCP18480 is shown below.
MCP18480 Block Diagram
VPOS
UVTH
UVD
OVTH
VNEG
GATE
VFB
MCP18480
UVHYS
VREFOUT
VREFIN
SENSE
TIMER
RDISCH
ISET
PWRGOOD (1)
DRAINTH
12V
Regulator
12VOUT
5V
Reg.
5VOUT
5VOUT
Latch
Current Limit Timer
ENABLE
RESTART
CL
VPOS
OVO
PWRGOOD
Output Block
VNEG
BIAS
Undervoltage
Overvoltage
Current Limit
GATE
Drive
Timer
FET Good
Circuit Breaker
SENSE
Internal
Bias
Generation
Note 1: The PWRGOOD output pin can be either active-high or active-low. This polarity is determined by the
voltage (either the level on the VREFIN pin or level on the VNEG pin) on the ISET pin:
- Connecting the external RISET resistor to VREFIN configures the PWRGOOD pin as active-low
- Connecting the external RISET resistor to VNEG configures the PWRGOOD pin as active-high
(Section 6.8.3)
(Section 6.8.8)
(Section 6.8.2)
(Section 6.8.1)
(Section 6.8.4)
(Section 6.8.9)
(Section 6.8.5)
(Section
6.8.6)
(Section 6.8.7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64