| Zakładka z wyszukiwarką danych komponentów |
|
T1024 Arkusz danych(PDF) 9 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
T1024 Arkusz danych(HTML) 9 Page - Freescale Semiconductor, Inc |
|
9 / 49 page ![]() Chapter 2 Architecture This chapter explains the architecture of T1024RDB: • Processor • Power • Reset • Clocks • DDR • SerDes port • Ethernet controllers • Ethernet Management Interface (EMI) • I2C • SPI interface • IFC • SDHC interface • USB interface • UART • JTAG/COP port • Connectors, Headers, Jumper, Push buttons, and LEDs • Temperature • DIP switch definition 2.1 Processor The T1024RDB supports many features of the T1024 processor, as detailed in the following sections. The boards and supporting hardware are all identical, but the ability to use various features depends on the device installed. QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015 Freescale Semiconductor, Inc. 9 |