| Zakładka z wyszukiwarką danych komponentów |
|
W6100 Arkusz danych(PDF) 83 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W6100 Arkusz danych(HTML) 83 Page - WIZnet Co., Ltd |
|
83 / 149 page ![]() W6100 – Hardwired Dual TCP/IP Stack Controller 83/149 6. Functional Description W6100 can process internet connectivity by simply manipulating some registers. This section shows how to set relative registers for W6100 initialization, using specific protocols like TCP, UDP, IPRAW and MACRAW, and other functions. 6.1 Initialization This shows the initialization of network information and TX/RX buffer memory. 6.1.1 Network Information Setting It sets the basic network information for IPv4 or IPv6. Network Configuration Unlock: { /* Network Unlock before set Network Information */ NETLCKR = 0x3A; } Source Hardware Address: { /* Source Hardware Address, 11:22:33:AA:BB:CC */ SHAR[0:5] = { 0x11, 0x22, 0x33, 0xAA, 0xBB, 0xCC }; } IPv4 Network Information: { /* Gateway IP Address, 192.168.0.1 */ GAR[0:3] = { 0xC0, 0xA8, 0x00, 0x01 }; /* Subnet MASK Address, 255.255.255.0 */ SUBR[0:3] = { 0xFF, 0xFF,, 0xFF, 0x00}; /* IP Address, 192.168.0.100 */ SIPR[0:3] = {0xC0, 0xA8,0x00, 0x64}; } IPv6 Network Information: { /* Link Local Address, FE80::1322:33FF:FEAA:BBCC */ |