| Zakładka z wyszukiwarką danych komponentów |
|
W6100 Arkusz danych(PDF) 33 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W6100 Arkusz danych(HTML) 33 Page - WIZnet Co., Ltd |
|
33 / 149 page ![]() W6100 – Hardwired Dual TCP/IP Stack Controller 33/149 When SLIR [RS] = '1' or SLIR [RA] = '1', a prefix information of RA Packet is stored to corresponding registers as follows and can be used for IPv6 Auto-configuration. - PLR (Prefix Length Register) - PFR (Prefix Flag Register) - VLTR (RA Valid Life Time Register) - PLTR (RA Preferred Life Time Register) - PAR (Prefix Address Register) * CAUTION : Only when the first option of received RA message is source link-layer address(0x01) and the second option is prefix information Option (0x03), the above registers are correct set. Otherwise, it can receive the RA message using the IPRAW6 Mode SOCKET and process the prefix information. 4.1.11 IMR (Interrupt Mask Register) [R=W] [0x2104] [0x00] IMR is for masking the corresponding interrupts to be enabled or disabled. 7 6 5 4 3 2 1 0 WOL UNR6 IPCONF UNR4 PTERM R=W R=W R=W R=W R=W Bit Symbol Description 7 WOL WOL(Wake On LAN) Magic Packet Interrupt Mask 0 : Disable WOL Interrupt 1 : Enable WOL Interrupt [6:5] - Reserved 4 UNR6 Destination Port Unreachable IPv6 Interrupt Mask 0 : Disable UNREACH6 Interrupt 1 : Enable UNREACH6 Interrupt 3 - Reserved 2 IPCONF IPv4 Conflict Interrupt Mask 1 : Enable CONFLICT Interrupt 0 : Disable CONFLICT Interrupt 1 UNR4 Destination Port Unreachable Interrupt Mask 1 : Enable UNREACH Interrupt 0 : Disable UNREACH Interrupt 0 PTERM PPPoE Terminated Interrupt Mask 1 : Enable PPPTERM Interrupt 0 : Disable PPPTERM Interrupt |