| Zakładka z wyszukiwarką danych komponentów |
|
W6100 Arkusz danych(PDF) 28 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W6100 Arkusz danych(HTML) 28 Page - WIZnet Co., Ltd |
|
28 / 149 page ![]() W6100 – Hardwired Dual TCP/IP Stack Controller 28/149 4.1 Common Registers 4.1.1 CIDR (Chip Identification Register) [RO][0x0000~0x0001] [0x6100] CHIP ID is 0x6100 and fixed. CIDR0(0x0000) CIDR1(0x0001) 0x61 0x00 4.1.2 VER (Version Register) [RO][0x0002~0x0003] [0x4661] Version is 0x4661. VER0(0x0002) VER1(0x0003) 0x46 0x61 4.1.3 SYSR (System Status Register) [RO][0x2000] [0xEU] It shows the status of CHIP/NET/PHY configuration lock and HOST interface mode. 7 6 5 4 3 2 1 0 CHPL NETL PHYL - - - IND SPI RO RO RO RO RO Bit Symbol Description 7 CHPL CHIP Lock Status CHIP Lock is set by CHPLCKR(Chip Configuration Lock Register). 0: Unlock – possible to set SYC0R & SYC1R 1: Lock – unable to set SYC0R & SYC1R 6 NETL NET Lock Status NET Lock is set by NETLCKR(Network Configuration Lock Register) 0: Unlock – possible to set Network Configuration Registers 1: Lock – unable to set Network Configuration Registers ref) Network Configuration Registers to be locked by NETL IPv4 SHAR Source Hardware Address Register GAR Gateway IP Address Register |