| Zakładka z wyszukiwarką danych komponentów |
|
STM32L031C4U6SDTR Arkusz danych(PDF) 81 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L031C4U6SDTR Arkusz danych(HTML) 81 Page - STMicroelectronics |
|
81 / 126 page ![]() DS10668 Rev 6 81/126 STM32L031x4/6 Electrical characteristics 96 Figure 25. VIH/VIL versus VDD (CMOS I/Os) Figure 26. VIH/VIL versus VDD (TTL I/Os) Output driving current The GPIOs (general purpose input/outputs) can sink or source up to ±8 mA, and sink or source up to ±15 mA with the non-standard VOL/VOH specifications given in Table 54. In the user application, the number of I/O pins which can drive current must be limited to respect the absolute maximum rating specified in Section 6.2: • The sum of the currents sourced by all the I/Os on VDD, plus the maximum Run consumption of the MCU sourced on VDD, cannot exceed the absolute maximum rating IVDD(Σ) (see Table 18). • The sum of the currents sunk by all the I/Os on VSS plus the maximum Run consumption of the MCU sunk on VSS cannot exceed the absolute maximum rating IVSS(Σ) (see Table 18). |