| Zakładka z wyszukiwarką danych komponentów |
|
STM32L031C4U6SDTR Arkusz danych(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L031C4U6SDTR Arkusz danych(HTML) 12 Page - STMicroelectronics |
|
12 / 126 page ![]() Operating temperatures Ambient temperature: –40 to +125 °C Junction temperature: –40 to +130 °C Packages TSSOP 20 WLCSP 25 UFQFPN 28 LQFP32, UFQFPN 32 LQFP48/ UFQFPN 48 TSSOP 20 WLCSP 25 UFQFPN 28 LQFP32, UFQFPN 32 LQFP48/ UFQFPN 48 1. 1 SPI interface is a USART operating in SPI master mode. 2. LQFP32 has two GPIOs, less than UFQFPN32 (27). 3. 23 GPIOs are available only on STM32L031GxUxS part number. 4. HSE external quartz connexion available only on LQFP48. Table 2. Ultra-low-power STM32L031x4/x6 device features and peripheral counts (continued) Peripheral STM32 L031F4 STM32 L031E4 STM32 L031G4 STM32 L031K4 STM32 L031C4 STM32 L031F6 STM32 L031E6 STM32 L031G6 STM32 L031K6 STM32 L031C6 |