| Zakładka z wyszukiwarką danych komponentów |
|
STM32L031C4U6SDTR Arkusz danych(PDF) 97 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L031C4U6SDTR Arkusz danych(HTML) 97 Page - STMicroelectronics |
|
97 / 126 page ![]() DS10668 Rev 6 97/126 STM32L031x4/6 Package information 120 7 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at www.st.com. ECOPACK® is an ST trademark. 7.1 LQFP48 package information Figure 34. LQFP48, 7 x 7 mm, 48-pin low-profile quad flat package outline 1. Drawing is not to scale. |