Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32WL55JCU6TR Arkusz danych(PDF) 49 Page - STMicroelectronics

Numer części STM32WL55JCU6TR
Szczegółowy opis  Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL55JCU6TR Arkusz danych(HTML) 49 Page - STMicroelectronics

Back Button STM32WL55JCU6TR Datasheet HTML 45Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 46Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 47Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 48Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 49Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 50Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 51Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 52Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 145 page
background image
DS13293 Rev 1
49/145
STM32WL55/54xx
Pinouts, pin description and alternate functions
60
4
Pinouts, pin description and alternate functions
Figure 9. UFQFPN48 pinout
1. The above figure shows the package top view.
2. The exposed pad must be connected to the ground plain.
MSv48144V4
PB3
PB4
PB5
PB6
PB7
PB8
PA0
PA1
PA2
PA3
VDD
PA4
PA13
PA12
PA11
PA10
PB12
PB2
PB0-VDD_TCXO
VDDRF1V55
VDDRF
OSC_OUT
OSC_IN
VDDPA
UFQFPN48
136
35
34
33
32
31
30
29
28
27
26
25
2
3
4
5
6
7
8
9
10
11
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More