Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32WL55JCU6TR Arkusz danych(PDF) 54 Page - STMicroelectronics

Numer części STM32WL55JCU6TR
Szczegółowy opis  Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL55JCU6TR Arkusz danych(HTML) 54 Page - STMicroelectronics

Back Button STM32WL55JCU6TR Datasheet HTML 50Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 51Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 52Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 53Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 54Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 55Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 56Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 57Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 145 page
background image
Pinouts, pin description and alternate functions
STM32WL55/54xx
54/145
DS13293 Rev 1
-
K7
-
VSS
S
-
-
-
-
-
J6
H6
VSSRF
S
-
-
-
-
-
H5
G6
VSSRF
S
-
-
-
-
20
L6
J6
RFI_P
I
RF
-
-
-
21
K5
H7
RFI_N
I
RF
-
-
-
-
G4
G7
VSSRF
S
-
-
-
-
-
J4
-
VSSRF
S
-
-
-
-
22
L4
J8
RFO_LP
O
RF
-
-
-
-
-
G8
VSSRF
S
-
-
-
-
23
K3
J9
RFO_HP
O
RF
-
-
-
-
H3
-
VSSRF
S
-
-
-
-
24
L2
H9
VR_PA
S
-
-
-
-
25
H1
H8
VDDPA
S
-
-
-
-
-
K1
-
VSSRF
S
-
-
-
-
26
G2
G9
OSC_IN
I
RF
-
-
-
27
F1
F8
OSC_OUT
O
RF
-
-
-
-
F3
-
VSSRF
S
-
-
-
-
28
E2
E8
VDDRF
S
-
-
-
-
29
D1
F7
VDDRF1V55
S
-
-
-
-
-
F5
D9
VSS
S
-
-
-
-
-
-
E9
VDD
S
-
-
-
-
30
B1
F6
PB0-VDD_TCXO
I/O
TT
-
COMP1_OUT,
CM4_EVENTOUT
-
-
-
E7
PB1
I/O
FT_a
-
LPUART1_RTS_DE,
LPTIM2_IN1,
CM4_EVENTOUT
COMP2_INP,
ADC_IN5
31
-
D8
PB2
I/O
FT_a
-
LPTIM1_OUT, I2C3_SMBA,
SPI1_NSS,
DEBUG_RF_SMPSRDY,
CM4_EVENTOUT
COMP1_INP,
COMP2_INM,
ADC_IN4
32
-
E6
PB12
I/O
FT
-
TIM1_BKIN, I2C3_SMBA,
SPI2_NSS/I2S2_WS,
LPUART1_RTS,
CM4_EVENTOUT
-
Table 19. STM32WL55/54xx pin definition (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More