Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32WL55JCU6TR Arkusz danych(PDF) 56 Page - STMicroelectronics

Numer części STM32WL55JCU6TR
Szczegółowy opis  Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL55JCU6TR Arkusz danych(HTML) 56 Page - STMicroelectronics

Back Button STM32WL55JCU6TR Datasheet HTML 52Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 53Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 54Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 55Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 56Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 57Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 58Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 59Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 145 page
background image
Pinouts, pin description and alternate functions
STM32WL55/54xx
56/145
DS13293 Rev 1
42
C6
A4
PA14
I/O
FT_a
-
JTCK-SWCLK, LPTIM1_OUT,
I2C1_SMBA,
CM4_EVENTOUT
ADC_IN10
43
A8
B3
PA15
I/O
FT_fa
-
JTDI, TIM2_CH1, TIM2_ETR,
I2C2_SDA, SPI1_NSS,
CM4_EVENTOUT
COMP1_INM,
COMP2_INP,
ADC_IN11
-
-
B4
PB15
I/O
FT_f
TIM1_CH3N, I2C2_SCL,
SPI2_MOSI/I2S2_SD,
CM4_EVENTOUT
-
44
A6
-
VDD
S
-
-
-
-
-
B7
-
VSS
S
-
-
-
-
49(1)
G6
-
VSS
S
-
-
-
-
45
B9
B2
VFBSMPS
S
-
-
-
-
46
A10
A2
VDDSMPS
S
-
-
-
-
47
B11
B1
VLXSMPS
S
-
-
-
-
48
C10
A1
VSSSMPS
S
-
-
-
-
1. Pin 49 is an exposed pad that must be connected to VSS.
Table 19. STM32WL55/54xx pin definition (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More