Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPC8275VR Arkusz danych(PDF) 26 Page - Motorola, Inc

Numer części MPC8275VR
Szczegółowy opis  PowerQUICC II Family Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8275VR Arkusz danych(HTML) 26 Page - Motorola, Inc

Back Button MPC8275VR Datasheet HTML 22Page - Motorola, Inc MPC8275VR Datasheet HTML 23Page - Motorola, Inc MPC8275VR Datasheet HTML 24Page - Motorola, Inc MPC8275VR Datasheet HTML 25Page - Motorola, Inc MPC8275VR Datasheet HTML 26Page - Motorola, Inc MPC8275VR Datasheet HTML 27Page - Motorola, Inc MPC8275VR Datasheet HTML 28Page - Motorola, Inc MPC8275VR Datasheet HTML 29Page - Motorola, Inc MPC8275VR Datasheet HTML 30Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 76 page
background image
26
MPC8280 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
Clock Configuration Modes
7.2
PCI Host Mode
Table 16 and Table 17 show clock configurations for PCI host mode. The frequencies listed are for the
purpose of illustration only. Users must select a mode and input bus frequency so that the resulting
configuration does not exceed the frequency rating of the user’s device. In addition, note the following:
0111_011
55.5
133.3
3
166.7
400.0
3
166.7
400.0
0111_100
71.4
133.3
3
133.0
400.0
3.5
250.0
466.7
0111_101
62.5
133.3
3
133.0
400.0
4
250.0
533.3
0111_110
55.6
133.3
3
133.0
400.0
4.5
250.0
600.0
0111_111
Reserved
1000_000
Reserved
1000_001
Reserved
1000_010
71.4
114.3
3.5
250.0
400.0
3.5
250.0
400.0
1000_011
62.5
114.3
3.5
218.8
400.0
4
250.0
457.1
1000_100
55.6
114.3
3.5
194.4
400.0
4.5
250.0
514.3
1000_101
50.0
114.3
3.5
175.0
400.0
5
250.0
571.4
1000_110
45.5
114.3
3.5
159.1
400.0
5.5
250.0
628.6
1100_000
Reserved
1100_001
Reserved
1100_010
Reserved
1101_000
Reserved
1 “Low” values are the minimum allowable frequencies for a given clock mode. The minimum bus frequency guarantees
the required minimum CPU operating frequency. Minimum CPU frequency is determined by the clock mode.
For modes with a CPU multiplication factor
≤ 3, the minimum CPU frequency is 166 MHz. The minimum CPM
frequency is 133 MHz.
For modes with a CPU multiplication factor
≥ 3.5, the minimum CPU frequency is 250 MHz. The minimum CPM
frequency is as shown in the table.
“High” values are for the purpose of illustration only. Users must select a mode and input bus frequency so that the
resulting configuration does not exceed the frequency rating of the user’s device.
2 MODCK_H = hard reset configuration word [28–31]. MODCK[1-3] = three hardware configuration pins.
3 60x and local bus frequency. Identical to CLKIN.
4 CPM multiplication factor = CPM clock/bus clock
5 CPU multiplication factor = Core PLL multiplication factor
Table 15. Clock Configurations for Local Bus Mode1 (Continued)
Mode2
Bus Clock3
(MHz)
CPM
Multiplication
Factor4
CPM Clock
(MHz)
CPU
Multiplication
Factor5
CPU Clock
(MHz)
MODCK_H-MODCK[1-3]
low
high
low
high
low
high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com