Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPC8275VR Arkusz danych(PDF) 41 Page - Motorola, Inc

Numer części MPC8275VR
Szczegółowy opis  PowerQUICC II Family Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8275VR Arkusz danych(HTML) 41 Page - Motorola, Inc

Back Button MPC8275VR Datasheet HTML 37Page - Motorola, Inc MPC8275VR Datasheet HTML 38Page - Motorola, Inc MPC8275VR Datasheet HTML 39Page - Motorola, Inc MPC8275VR Datasheet HTML 40Page - Motorola, Inc MPC8275VR Datasheet HTML 41Page - Motorola, Inc MPC8275VR Datasheet HTML 42Page - Motorola, Inc MPC8275VR Datasheet HTML 43Page - Motorola, Inc MPC8275VR Datasheet HTML 44Page - Motorola, Inc MPC8275VR Datasheet HTML 45Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
MOTOROLA
MPC8280 PowerQUICC II™ Family Hardware Specifications
41
Pinout
8
Pinout
This section provides the pin assignments and pinout lists for both HiP7 PowerQUICC II packages.
8.1
ZU Package—MPC8280 and MPC8270
The following figures and table represent the standard 480 TBGA package. For information on the alternate
package, refer to Section 8.2, “VR and ZQ Packages—MPC8275 and MPC8270” on page 56.
Figure 13 shows the pinout of the ZU package as viewed from the top surface.
1 “Low” values are the minimum allowable frequencies for a given clock mode. The minimum bus frequency guarantees
the required minimum CPU operating frequency. Minimum CPU frequency is determined by the clock mode.
For modes with a CPU multiplication factor
≤ 3, the minimum CPU frequency is 166 MHz.The minimum CPM frequency
is 133 MHz.
For modes with a CPU multiplication factor
≥ 3.5, the minimum CPU frequency is 250 MHz. The minimum CPM
frequency is as shown in the table.
“High” values are for the purpose of illustration only. Users must select a mode and input bus frequency so that the
resulting configuration does not exceed the frequency rating of the user’s device.
2 As shown in Table 14, PCI_MODCK determines the PCI clock range. Refer to Table 18 for higher range configurations.
3 MODCK_H = hard reset configuration word [28–31]. MODCK[1-3] = three hardware configuration pins.
4 CPM multiplication factor = CPM clock/PCI clock
5 CPU multiplication factor = Core PLL multiplication factor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com