Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPC8275VR Arkusz danych(PDF) 30 Page - Motorola, Inc

Numer części MPC8275VR
Szczegółowy opis  PowerQUICC II Family Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8275VR Arkusz danych(HTML) 30 Page - Motorola, Inc

Back Button MPC8275VR Datasheet HTML 26Page - Motorola, Inc MPC8275VR Datasheet HTML 27Page - Motorola, Inc MPC8275VR Datasheet HTML 28Page - Motorola, Inc MPC8275VR Datasheet HTML 29Page - Motorola, Inc MPC8275VR Datasheet HTML 30Page - Motorola, Inc MPC8275VR Datasheet HTML 31Page - Motorola, Inc MPC8275VR Datasheet HTML 32Page - Motorola, Inc MPC8275VR Datasheet HTML 33Page - Motorola, Inc MPC8275VR Datasheet HTML 34Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
30
MPC8280 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
Clock Configuration Modes
1101_101
125.0 166.7
2
250.0 333.3
3
375.0 500.0
5
50.0 66.7
1101_110
125.0 166.7
2
250.0 333.3
4
500.0 666.6
5
50.0 66.7
1110_000
100.0 133.3
3
300.0 400.0
3.5
350.0 466.6
6
50.0 66.7
1110_001
100.0 133.3
3
300.0 400.0
4
400.0 533.3
6
50.0 66.7
1110_010
100.0 133.3
3
300.0 400.0
4.5
450.0 599.9
6
50.0 66.7
1110_011
100.0 133.3
3
300.0 400.0
5
500.0 666.6
6
50.0 66.7
1110_100
100.0 133.3
3
300.0 400.0
5.5
550.0 733.3
6
50.0 66.7
1100_000
Reserved
1100_001
Reserved
1100_010
Reserved
1 “Low” values are the minimum allowable frequencies for a given clock mode. The minimum bus frequency guarantees
the required minimum CPU operating frequency. Minimum CPU frequency is determined by the clock mode.
For modes with a CPU multiplication factor
≤ 3, the minimum CPU frequency is 166 MHz.The minimum CPM frequency
is 133 MHz.
For modes with a CPU multiplication factor
≥ 3.5, the minimum CPU frequency is 250 MHz. The minimum CPM
frequency is as shown in the table.
“High” values are for the purpose of illustration only. Users must select a mode and input bus frequency so that the
resulting configuration does not exceed the frequency rating of the user’s device.
2 As Table 14 shows, PCI_MODCK determines the PCI clock frequency range. Refer to Table 17 for lower configurations.
3 MODCK_H = hard reset configuration word [28–31]. MODCK[1-3] = three hardware configuration pins.
4 60x and local bus frequency. Identical to CLKIN.
5 CPM multiplication factor = CPM clock/bus clock
6 CPU multiplication factor = Core PLL multiplication factor
Table 17. Clock Configurations for PCI Host Mode (PCI_MODCK=1)1,2
Mode3
Bus Clock4
(MHz)
CPM
Multiplication
Factor5
CPM Clock
(MHz)
CPU
Multiplication
Factor6
CPU Clock
(MHz)
PCI
Division
Factor
PCI Clock
(MHz)
MODCK_H-
MODCK[1-3]
low
high
low
high
low
high
low high
Default Modes (MODCK_H=0000)
0000_000
66.7
100.0
2
133.3 200.0
2.5
166.7 250.0
4
33.3 50.0
0000_001
66.7
100.0
2
133.3 200.0
3
200.0 300.0
4
33.3 50.0
0000_010
60.0
120.0
2.5
150.0 300.0
3
180.0 360.0
6
25.0 50.0
0000_011
71.4
120.0
2.5
178.6 300.0
3.5
250.0 420.0
6
29.8 50.0
0000_100
62.5
120.0
2.5
156.3 300.0
4
250.0 480.0
6
26.0 50.0
Table 16. Clock Configurations for PCI Host Mode (PCI_MODCK=0)1,2 (Continued)
Mode3
Bus Clock4
(MHz)
CPM
Multiplication
Factor5
CPM Clock
(MHz)
CPU
Multiplication
Factor6
CPU Clock
(MHz)
PCI
Division
Factor
PCI Clock
(MHz)
MODCK_H-
MODCK[1-3]
low
high
low
high
low
high
low high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com