Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LPS27HHTW Arkusz danych(PDF) 53 Page - STMicroelectronics

Numer części LPS27HHTW
Szczegółowy opis  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHTW Arkusz danych(HTML) 53 Page - STMicroelectronics

Back Button LPS27HHTW Datasheet HTML 47Page - STMicroelectronics LPS27HHTW Datasheet HTML 48Page - STMicroelectronics LPS27HHTW Datasheet HTML 49Page - STMicroelectronics LPS27HHTW Datasheet HTML 50Page - STMicroelectronics LPS27HHTW Datasheet HTML 51Page - STMicroelectronics LPS27HHTW Datasheet HTML 52Page - STMicroelectronics LPS27HHTW Datasheet HTML 53Page - STMicroelectronics LPS27HHTW Datasheet HTML 54Page - STMicroelectronics LPS27HHTW Datasheet HTML 55Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
List of figures
Figure 1.
Device architecture block diagram....................................................... 2
Figure 2.
Digital logic ...................................................................... 2
Figure 3.
Pin connections (bottom view) ......................................................... 3
Figure 4.
SPI slave timing diagram ............................................................. 6
Figure 5.
I²C slave timing diagram ............................................................. 7
Figure 6.
LPS27HHTW internal structure ........................................................ 10
Figure 7.
Pressure readings................................................................. 11
Figure 8.
Temperature readings .............................................................. 11
Figure 9.
Bypass mode .................................................................... 13
Figure 10.
FIFO mode ..................................................................... 14
Figure 11.
Continuous (Dynamic-Stream) mode .................................................... 15
Figure 12.
Bypass-to-FIFO mode .............................................................. 16
Figure 13.
Bypass-to-Continuous (Dynamic-Stream) mode ............................................ 17
Figure 14.
Continuous (Dynamic-Stream)-to-FIFO mode .............................................. 18
Figure 15.
LPS27HHTW electrical connections (top view) ............................................. 19
Figure 16.
LPS27HHTW power-off sequence...................................................... 20
Figure 17.
Read and write protocol ............................................................. 23
Figure 18.
SPI read protocol ................................................................. 24
Figure 19.
Multiple byte SPI read protocol (2-byte example)............................................ 24
Figure 20.
SPI write protocol ................................................................. 25
Figure 21.
Multiple byte SPI write protocol (2-byte example) ........................................... 25
Figure 22.
SPI read protocol in 3-wire mode ...................................................... 26
Figure 23.
I²C and MIPI I3CSM both active (INT_DRDY pin not connected) ................................. 29
Figure 24.
Only MIPI I3CSM active (INT_DRDY pin connected to Vdd_IO) .................................. 30
Figure 25.
“Threshold-based” interrupt event ...................................................... 34
Figure 26.
Interrupt events on INT_DRDY pin ..................................................... 39
Figure 27.
CCLGA - 10L (2.7 x 2.7 x 1.7 typ. mm) package outline and mechanical data ........................ 46
Figure 28.
Carrier tape information for CCLGA-10L package ........................................... 47
Figure 29.
Package orientation in carrier tape ..................................................... 47
Figure 30.
Reel information for carrier tape of CCLGA-10L package ...................................... 48
LPS27HHTW
List of figures
DS13489 - Rev 1
page 53/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55