Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACE25QC800GLMMTH Arkusz danych(PDF) 51 Page - ACE Technology Co., LTD.

Numer części ACE25QC800GLMMTH
Szczegółowy opis  8M BIT SPI NOR FLASH
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACE [ACE Technology Co., LTD.]
Strona internetowa  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC800GLMMTH Arkusz danych(HTML) 51 Page - ACE Technology Co., LTD.

Back Button ACE25QC800GLMMTH Datasheet HTML 47Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 48Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 49Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 50Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 51Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 52Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 53Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 54Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 55Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 58 page
background image
ACE25QC800G
8M BIT SPI NOR FLASH
VER 1.2
51
Symbol
Parameter
Min.
Typ.
Max.
Unit.
tRST_E
/CS High To Next Instruction After Reset(from erase)
12
tW
Write Status Register Cycle Time
5
30
(2)
ms
tBP1
Byte Program Time (First Byte)
(3)
30
50
µs
tBP2
Additional Byte Program Time (After First Byte)
(3)
2.5
12
µs
tPP
Page Programming Time
0.6
2.4
ms
tSE
Sector Erase Time
45
300
ms
tBE
Block Erase Time(32K Bytes/64K Bytes)
0.15/0.25
0.7/0.8
s
tCE
Chip Erase Time
4
10
s
Note:
1.
Tested with clock frequency lower than 50 MHz.
2.
For multiple bytes after first byte within a page, tBPn = tBP1 + tBP2 * N, where N is the number of
bytes programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com