Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACE25QC800GLMMTH Arkusz danych(PDF) 7 Page - ACE Technology Co., LTD.

Numer części ACE25QC800GLMMTH
Szczegółowy opis  8M BIT SPI NOR FLASH
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACE [ACE Technology Co., LTD.]
Strona internetowa  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC800GLMMTH Arkusz danych(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE25QC800GLMMTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
ACE25QC800G
8M BIT SPI NOR FLASH
VER 1.2
7
Block/Sector Architecture
Table2. ACE25QC800G Block/Sector Addresses
Memory
Density
Block(64kbyte)
Block(32kbyte)
Sector No.
Sector
Size(KB)
Address range
8Mbit
Block 0
Half block 0
Sector 0
4
000000h-000FFFh
:
:
:
Sector 7
4
007000h-007FFFh
Half block 1
Sector 8
4
008000h-008FFFh
:
4
:
Sector 15
4
00F000h-00FFFFh
Block 1
Half block 2
Sector 16
4
010000h-010FFFh
:
:
:
Sector 23
4
017000h-017FFFh
Half block 3
Sector 24
4
018000h-018FFFh
:
:
:
Sector 31
4
01F000h-01FFFFh
:
:
:
:
:
Block 14
Half block 28
Sector 224
4
0E0000h-0E0FFFh
:
:
:
Sector 231
4
0E7000h-0E7FFFh
Half block 29
Sector 232
4
0E8000h-0E8FFFh
:
:
:
Sector 239
4
0EF000h-0EFFFFh
Block 15
Half block 30
Sector 240
4
0F0000h-0F0FFFh
:
:
:
Sector 247
4
0F7000h-0F7FFFh
Half block 31
Sector 248
4
0F8000h-0F8FFFh
:
:
:
Sector 255
4
0FF000h-0FFFFFh
Notes:
1.
Block = Uniform Block, and the size is 64K bytes.
2.
Half block = Half Uniform Block, and the size is 32k bytes.
3.
Sector = Uniform Sector, and the size is 4K bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com