Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACE25QC800GLMMTH Arkusz danych(PDF) 9 Page - ACE Technology Co., LTD.

Numer części ACE25QC800GLMMTH
Szczegółowy opis  8M BIT SPI NOR FLASH
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACE [ACE Technology Co., LTD.]
Strona internetowa  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC800GLMMTH Arkusz danych(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE25QC800GLMMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 13Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
ACE25QC800G
8M BIT SPI NOR FLASH
VER 1.2
9
Operation Features
Supply Voltage
(A)
Operating Supply Voltage
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage within the
specified [VCC(min), VCC(max)] range must be applied. In order to secure a stable DC supply voltage,
it is recommended to decouple the VCC line with a suitable capacitor (usually of the order of 10nF to
100nF) close to the VCC/VSS package pins. This voltage must remain stable and valid until the end of
the transmission of the instruction and, for a Write instruction, until the completion of the internal write
cycle (tW).
(B)
Power-up Conditions
When the power supply is turned on, VCC rises continuously from VSS to VCC. During this time, the
Chip Select (/CS) line is not allowed to float but should follow the VCC voltage, it is therefore
recommended to connect the /CS line to VCC via a suitable pull-up resistor.
In addition, the Chip Select (/CS) input offers a built-in safety feature, as the /CS input is edge
sensitive as well as level sensitive: after power-up, the device does not become selected until a falling
edge has first been detected on Chip Select (/CS). This ensures that Chip Select (/CS) must have
been High, prior to going Low to start the first operation.
(C)
Device Reset
In order to prevent inadvertent Write operations during power-up (continuous rise of VCC), a power on
reset (POR) circuit is included. At Power-up, the device does not respond to any instruction until VCC
has reached the power on reset threshold voltage.
When VCC has passed the POR threshold, the device is reset.
(D)
Power-down
At Power-down (continuous decrease in VCC), as soon as VCC drops from the normal operating
voltage to below the power on reset threshold voltage, the device stops responding to any instruction
sent to it. During Power-down, the device must be deselected (Chip Select (/CS) should be allowed to
follow the voltage applied on VCC) and in Standby Power mode (that is there should be no internal
Write cycle in progress).
Active Power and Standby Power Modes
When Chip Select (/CS) is Low, the device is selected, and in the Active Power mode. The device
consumes ICC.
When Chip Select (/CS) is High, the device is deselected. If a Write cycle is not currently in progress, the
device then goes in to the Standby Power mode, and the device consumption drops to ICC1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com